| Electronic Components Datasheet Search |
|
24FC512-E/SM Datasheet(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC512-E/SM Datasheet(HTML) 33 Page - Microchip Technology |
|
33 / 36 page ![]() 2010 Microchip Technology Inc. DS21754M-page33 24AA512/24LC512/24FC512 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device Device: 24AA512: 512 Kbit 1.8V I2C Serial EEPROM 24AA512T: 512 Kbit 1.8V I2C Serial EEPROM (Tape and Reel) 24LC512: 512 Kbit 2.5V I2C Serial EEPROM 24LC512T: 512 Kbit 2.5V I2C Serial EEPROM (Tape and Reel) 24FC512: 512 Kbit 1 MHz I2C Serial EEPROM 24FC512T: 512 Kbit 1 MHz I2C Serial EEPROM (Tape and Reel) Temperature Range: I= -40 C to +85C E= -40 C to +125C Package: P = Plastic DIP (300 mil body), 8-lead SM = Plastic SOIJ (5.28 mm body), 8-lead MF = Micro Lead Frame (6x5 mm body), 8-lead SN = Plastic SOIC (3.90 mm body), 8-lead ST = Plastic TSSOP (4.4 mm), 8-lead ST14 = Plastic TSSOP (4.4 mm), 14-lead CS17K(1) = Chip Scale (CS), 8-lead (I-temp, "AA", Tape and Reel only) Examples: a) 24AA512-I/P: Industrial Temp., 1.7V, PDIP package. b) 24AA512T-I/SM: Tape and Reel, Industrial Temp., 1.7V, SOIJ package. c) 24AA512-I/MF: Industrial Temp., 1.7V, DFN package. d) 24LC512-E/P: Extended Temp., 2.5V, PDIP package. e) 24LC512-I/SN: Industrial Temp., 2.5V, SOIC package. f) 24LC512T-I/SM: Tape and Reel, Industrial Temp., 2.5V, SOIJ package. g) 24LC512-I/ST: Industrial Temp., 2.5V, TSSOP package. h) 24FC512-I/P: Industrial Temp., 1.7V, High Speed, PDIP package. i) 24FC512-I/SM: Industrial Temp., 1.7V, High Speed, SOIJ package. j) 24FC512T-I/SN: Tape and Reel, Industrial Temp., 1.7V, High Speed, SOIC package. k) 24AA512T-I/CS17K: Industrial Temp., 1.7V, CS package, Tape and Reel Note 1: "17K" indicates 160K technology. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |