Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11LC010-ICS16K Datasheet(PDF) 15 Page - Microchip Technology

Part # 11LC010-ICS16K
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC010-ICS16K Datasheet(HTML) 15 Page - Microchip Technology

Back Button 11LC010-ICS16K Datasheet HTML 11Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 12Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 13Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 14Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 15Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 16Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 17Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 18Page - Microchip Technology 11LC010-ICS16K Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 15
11AAXXX/11LCXXX
4.6
Write Status Register (WRSR)
Instruction
The
WRSR instruction allows the user to select one of
four levels of protection for the array by writing to the
appropriate bits in the STATUS register. The array is
divided up into four segments. The user has the ability
to write-protect none, one, two, or all four of the seg-
ments of the array. The partitioning is controlled as
illustrated in Table 4-3.
After transmitting the STATUS register data, the master
must transmit a NoMAK during the Acknowledge
sequence in order to initiate the internal write cycle.
TABLE 4-3:
ARRAY PROTECTION
TABLE 4-4:
PROTECTED ARRAY ADDRESS LOCATIONS
FIGURE 4-7:
WRITE STATUS REGISTER COMMAND SEQUENCE
Note: The
WRSR instruction must be termi-
nated with a NoMAK following the data
byte. If a NoMAK is not received at this
point, the command will be considered
invalid, and the device will go into Idle
mode without responding with a SAK or
executing the command.
BP1
BP0
Address Ranges Write-Protected
Address Ranges Unprotected
00
None
All
01
Upper 1/4
Lower 3/4
10
Upper 1/2
Lower 1/2
11
All
None
Density
Upper 1/4
Upper 1/2
All Sectors
1K
60h-7Fh
40h-7Fh
00h-7Fh
2K
C0h-FFh
80h-FFh
00h-FFh
4K
180h-1FFh
100h-1FFh
000h-1FFh
8K
300h-3FFh
200h-3FFh
000h-3FFh
16K
600h-7FFh
400h-7FFh
000h-7FFh
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
10
1
0
1
1
01
Standby Pulse
SCIO
76 5 4
Status Register Data
32 1 0
Twc
Note 1: For the 11XXXX1, this bit must be a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com