| Electronic Components Datasheet Search |
|
PIC12F1822-I/ML Datasheet(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-I/ML Datasheet(HTML) 36 Page - Microchip Technology |
|
36 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 36 Preliminary 2010 Microchip Technology Inc. Bank 5 280h(1) INDF0 Addressing this location uses contents of FSR0H/FSR0L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 281h(1) INDF1 Addressing this location uses contents of FSR1H/FSR1L to address data memory (not a physical register) xxxx xxxx xxxx xxxx 282h(1) PCL Program Counter (PC) Least Significant Byte 0000 0000 0000 0000 283h(1) STATUS — — —TO PD ZDC C ---1 1000 ---q quuu 284h(1) FSR0L Indirect Data Memory Address 0 Low Pointer 0000 0000 uuuu uuuu 285h(1) FSR0H Indirect Data Memory Address 0 High Pointer 0000 0000 0000 0000 286h(1) FSR1L Indirect Data Memory Address 1 Low Pointer 0000 0000 uuuu uuuu 287h(1) FSR1H Indirect Data Memory Address 1 High Pointer 0000 0000 0000 0000 288h(1) BSR — — — BSR<4:0> ---0 0000 ---0 0000 289h(1) WREG Working Register 0000 0000 uuuu uuuu 28Ah(1) PCLATH — Write Buffer for the upper 7 bits of the Program Counter -000 0000 -000 0000 28Bh(1) INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 0000 000x 0000 000u 28Ch — Unimplemented — — 28Dh — Unimplemented — — 28Eh — Unimplemented — — 28Fh — Unimplemented — — 290h — Unimplemented — — 291h CCPR1L Capture/Compare/PWM Register 1 (LSB) xxxx xxxx uuuu uuuu 292h CCPR1H Capture/Compare/PWM Register 1 (MSB) xxxx xxxx uuuu uuuu 293h CCP1CON P1M<1:0> DC1B<1:0> CCP1M<3:0> 0000 0000 0000 0000 294h PWM1CON P1RSEN P1DC<6:0> 0000 0000 0000 0000 295h CCP1AS CCP1ASE CCP1AS<2:0> PSS1AC<1:0> PSS1BD<1:0> 0000 0000 0000 0000 296h PSTR1CON — — — STR1SYNC STR1D STR1C STR1B STR1A ---0 0001 ---0 0001 297h — Unimplemented — — 298h — Unimplemented — — 299h — Unimplemented — — 29Ah — Unimplemented — — 29Bh — Unimplemented — — 29Ch — Unimplemented — — 29Dh — Unimplemented — — 29Eh — Unimplemented — — 29Fh — Unimplemented — — TABLE 3-8: SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other resets Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, r = reserved. Shaded locations are unimplemented, read as ‘0’. Note 1: These registers can be addressed from any bank. 2: PIC16F/LF1823 only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |