Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1826-1202E/EB Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1826-1202E/EB
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826-1202E/EB Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1826-1202E/EB Datasheet HTML 10Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 11Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 12Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 13Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 14Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 15Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 16Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 17Page - Microchip Technology MCP1826-1202E/EB Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MCP1826/MCP1826S
DS22057A-page 14
© 2007 Microchip Technology Inc.
.Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.6V, Fixed output.
FIGURE 2-25:
2.5V (Adj.) Startup from VIN.
FIGURE 2-26:
2.5V (Adj.) Startup from
Shutdown.
FIGURE 2-27:
Power Good (PWRGD)
Timing.
FIGURE 2-28:
Dynamic Line Response.
FIGURE 2-29:
Dynamic Load Response
(10mA to 1000mA).
FIGURE 2-30:
Dynamic Load Response
(100 mA to 1000 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com