| Electronic Components Datasheet Search |
|
24LC32AXT-E/SM Datasheet(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC32AXT-E/SM Datasheet(HTML) 7 Page - Microchip Technology |
|
7 / 42 page ![]() 2010 Microchip Technology Inc. DS21713L-page 7 24AA32A/24LC32A 5.0 DEVICE ADDRESSING A control byte is the first byte received following the Start condition from the master device (Figure 5-1). The control byte consists of a four-bit control code. For the 24XX32A, this is set as ‘1010’ binary for read and write operations. The next three bits of the control byte are the Chip Select bits (A2, A1, A0). The Chip Select bits allow the use of up to eight 24XX32A devices on the same bus and are used to select which device is accessed. The Chip Select bits in the control byte must correspond to the logic levels on the corresponding A2, A1 and A0 pins for the device to respond. These bits are in effect the three Most Significant bits of the word address. For the SOT-23 and chip scale packages, the address pins are not available. During device addressing, the A1, A2, and A0 Chip Selects bits (Figure 5-2) should be set to ‘0’. The last bit of the control byte defines the operation to be performed. When set to a ‘1’, a read operation is selected. When set to a zero, a write operation is selected. The next two bytes received define the address of the first data byte (Figure 5-2). Because only A11 to A0 are used, the upper four address bits are “don’t care” bits. The upper address bits are transferred first, followed by the Less Significant bits. Following the Start condition, the 24XX32A monitors the SDA bus checking the device type identifier being transmitted and, upon receiving a ‘1010’ code and appropriate device select bits, the slave device outputs an Acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24XX32A will select a read or write operation. FIGURE 5-1: CONTROL BYTE FORMAT 5.1 Contiguous Addressing Across Multiple Devices The Chip Select bits A2, A1 and A0 can be used to expand the contiguous address space for up to 256K bits by adding up to eight 24XX32A devices on the same bus. In this case, software can use A0 of the con- trol byte as address bit A12; A1 as address bit A13; and A2 as address bit A14. It is not possible to sequentially read across device boundaries. The SOT-23 and chip scale packages do not support multiple device addressing on the same bus. FIGURE 5-2: ADDRESS SEQUENCE BIT ASSIGNMENTS 10 1 0 A2 A1 A0 SACK R/W Control Code Chip Select Bits Slave Address Acknowledge Bit Start Bit Read/Write Bit 1 010 A 2 A 1 A 0 R/W x xxx A 11 A 10 A 9 A 7 A 0 A 8 •• • • •• Control Byte Address High Byte Address Low Byte Control Code Chip Select Bits x = “don’t care” bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |