Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707T-E/ML Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 100Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 101Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 102Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 103Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 104Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 105Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 106Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 107Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 104
Preliminary
 2010 Microchip Technology Inc.
13.6.7
TIMER1/3 GATE TOGGLE MODE
When Timer1/3 Gate Toggle mode is enabled, it is
possible to measure the full-cycle length of a Timer1/3
gate signal, as opposed to the duration of a single level
pulse.
The Timer1/3 gate source is routed through a flip-flop
that changes state on every incrementing edge of the
signal. See Figure 13-4 for timing details.
Timer1/3 Gate Toggle mode is enabled by setting the
TxGTM bit of the TxGCON register. When the TxGTM
bit is cleared, the flip-flop is cleared and held clear. This
is necessary in order to control which edge is
measured.
13.6.8
TIMER1/3 GATE SINGLE-PULSE
MODE
When Timer1/3 Gate Single-Pulse mode is enabled, it
is possible to capture a single pulse gate event.
Timer1/3 Gate Single-Pulse mode is first enabled by
setting the TxGSPM bit in the TxGCON register. Next,
the TxGGO/DONE bit in the TxGCON register must be
set. The Timer1/3 will be fully enabled on the next
incrementing edge. On the next trailing edge of the
pulse, the TxGGO/DONE bit will automatically be
cleared. No other gate events will be allowed to incre-
ment Timer1/3 until the TxGGO/DONE bit is once
again set in software.
Clearing the TxGSPM bit of the TxGCON register will
also clear the TxGGO/DONE bit. See Figure 13-5 for
timing details.
Enabling the Toggle mode and the Single-Pulse mode
simultaneously will permit both sections to work
together. This allows the cycle times on the Timer1/3
gate source to be measured. See Figure 13-6 for timing
details.
13.6.9
TIMER1/3 GATE VALUE STATUS
When Timer1/3 gate value status is utilized, it is
possible to read the most current level of the gate
control value. The value is stored in the TxGVAL bit in
the TxGCON register. The TxGVAL bit is valid even
when the Timer1/3 gate is not enabled (TMRxGE bit is
cleared).
13.6.10
TIMER1/3 GATE EVENT
INTERRUPT
When Timer1/3 gate event interrupt is enabled, it is
possible to generate an interrupt upon the completion
of a gate event. When the falling edge of TxGVAL
occurs, the TMRxGIF flag bit in the PIRx register will be
set. If the TMRxGIE bit in the PIEx register is set, then
an interrupt will be recognized. See Table 13-7 for
interrupt bit locations.
The TMRxGIF flag bit operates even when the
Timer1/3 gate is not enabled (TMRxGE bit is cleared).
13.7
Timer1/3 Interrupt
The
Timer1/3
register
pair
(TMRxH:TMRxL)
increments to FFFFh and rolls over to 0000h. When
Timer1/3 rolls over, the Timer1/3 interrupt flag bit of the
PIRx register is set. See Table 13-7 for interrupt bit
locations.
To enable the interrupt on rollover, you must set these
bits:
• TMRxON bit of the TxCON register
• TMRxIE bit of the PIEx register
• PEIE bit of the INTCON register
• GIE bit of the INTCON register
The interrupt is cleared by clearing the TMRxIF bit in
the Interrupt Service Routine.
Note:
Enabling Toggle mode at the same time
as changing the gate polarity may result in
indeterminate operation.
TABLE 13-7:
TIMER1/3 INTERRUPT BIT LOCATIONS
Timer1
Timer3
Interrupt Flag
TMR1IF bit in PIR1 register
TMR3IF bit in PIR2 register
Interrupt Enable
TMR1IE bit in PIE1 register
TMR3IE bit in PIE2 register
Gate Interrupt Flag
TMR1GIF bit in PIR1 register
TMR3GIF bit in PIR2 register
Gate Interrupt Enable
TMR1GIE bit in PIE1 register
TMR3GIE bit in PIE2 register
Note:
The TMRxH:TMRxL register pair and the
TMRxIF bit should be cleared before
enabling interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com