Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1826T-I/ML Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F1826T-I/ML
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1826T-I/ML Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F1826T-I/ML Datasheet HTML 45Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 46Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 47Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 48Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 49Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 50Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 51Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 52Page - Microchip Technology PIC16F1826T-I/ML Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 406 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41391C-page 49
PIC16F/LF1826/27
4.0
DEVICE CONFIGURATION
Device Configuration consists of Configuration Word 1
and Configuration Word 2, Code Protection and Device
ID.
4.1
Configuration Words
There are several Configuration Word bits that allow
different oscillator and memory protection options.
These are implemented as Configuration Word 1 at
8007h and Configuration Word 2 at 8008h.
Note:
The DEBUG bit in Configuration Word is
managed
automatically
by
device
development tools including debuggers and
programmers. For normal device operation,
this bit should be maintained as a '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com