Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1XK50 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F1XK50
Description  20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1XK50 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F1XK50 Datasheet HTML 17Page - Microchip Technology PIC18F1XK50 Datasheet HTML 18Page - Microchip Technology PIC18F1XK50 Datasheet HTML 19Page - Microchip Technology PIC18F1XK50 Datasheet HTML 20Page - Microchip Technology PIC18F1XK50 Datasheet HTML 21Page - Microchip Technology PIC18F1XK50 Datasheet HTML 22Page - Microchip Technology PIC18F1XK50 Datasheet HTML 23Page - Microchip Technology PIC18F1XK50 Datasheet HTML 24Page - Microchip Technology PIC18F1XK50 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 422 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41350D-page 21
PIC18F/LF1XK50
REGISTER 2-2:
OSCCON2: OSCILLATOR CONTROL REGISTER 2
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
R-x
—
—
—
—
—
PRI_SD
HFIOFL
LFIOFS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
q = depends on condition
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2
PRI_SD: Primary Oscillator Drive Circuit shutdown bit
1 = Oscillator drive circuit on
0 = Oscillator drive circuit off (zero power)
bit 1
HFIOFL: HFINTOSC Frequency Locked bit
1 = HFINTOSC is in lock
0 = HFINTOSC has not yet locked
bit 0
LFIOFS: LFINTOSC Frequency Stable bit
1 = LFINTOSC is stable
0 = LFINTOSC is not stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com