| Electronic Components Datasheet Search |
|
PIC16F722AT-E/SP Datasheet(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/SP Datasheet(HTML) 11 Page - Microchip Technology |
|
11 / 284 page ![]() 2010 Microchip Technology Inc. DS41417A-page 11 PIC16F/LF722A/723A TABLE 1-1: PIC16F722A/723A PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/SS/VCAP RA0 TTL CMOS General purpose I/O. AN0 AN — A/D Channel 0 input. SS ST — Slave Select input. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F722A/723A only). RA1/AN1 RA1 TTL CMOS General purpose I/O. AN1 AN — A/D Channel 1 input. RA2/AN2 RA2 TTL CMOS General purpose I/O. AN2 AN — A/D Channel 2 input. RA3/AN3/VREF RA3 TTL CMOS General purpose I/O. AN3 AN — A/D Channel 3 input. VREF AN — A/D Voltage Reference input. RA4/CPS6/T0CKI RA4 TTL CMOS General purpose I/O. CPS6 AN — Capacitive sensing input 6. T0CKI ST — Timer0 clock input. RA5/AN4/CPS7/SS/VCAP RA5 TTL CMOS General purpose I/O. AN4 AN — A/D Channel 4 input. CPS7 AN — Capacitive sensing input 7. SS ST — Slave Select input. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F722A/723A only). RA6/OSC2/CLKOUT/VCAP RA6 TTL CMOS General purpose I/O. OSC2 — XTAL Crystal/Resonator (LP, XT, HS modes). CLKOUT — CMOS FOSC/4 output. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F722A/723A only). RA7/OSC1/CLKIN RA7 TTL CMOS General purpose I/O. OSC1 XTAL — Crystal/Resonator (LP, XT, HS modes). CLKIN CMOS — External clock input (EC mode). CLKIN ST — RC oscillator connection (RC mode). RB0/AN12/CPS0/INT RB0 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN12 AN — A/D Channel 12 input. CPS0 AN — Capacitive sensing input 0. INT ST — External interrupt. RB1/AN10/CPS1 RB1 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN10 AN — A/D Channel 10 input. CPS1 AN — Capacitive sensing input 1. RB2/AN8/CPS2 RB2 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN8 AN — A/D Channel 8 input. CPS2 AN — Capacitive sensing input 2. RB3/AN9/CPS3/CCP2 RB3 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN9 AN — A/D Channel 9 input. CPS3 AN — Capacitive sensing input 3. CCP2 ST CMOS Capture/Compare/PWM2. Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™= Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |