Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824T-E/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F1824T-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824T-E/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F1824T-E/ST Datasheet HTML 12Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 13Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 14Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 15Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 16Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 17Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 18Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 19Page - Microchip Technology PIC16F1824T-E/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 420 page
background image
PIC16F/LF1824/1828
DS41419A-page 16
Preliminary
 2010 Microchip Technology Inc.
RA4/AN3/CPS3/OSC2/
CLKOUT/T1OSO/CLKR/
SDO(1)/P2B(1)/T1G(1,2)
RA4
TTL
CMOS General purpose I/O.
AN3
AN
—
A/D Channel 3 input.
CPS3
AN
—
Capacitive sensing input 3.
OSC2
—
CMOS Comparator C2 output.
CLKOUT
—
CMOS FOSC/4 output.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
CLKR
—
CMOS Clock Reference output.
SDO
—
CMOS SPI data output.
P2B
—
CMOS PWM output.
T1G
ST
—
Timer1 Gate input.
RA5/CLKIN/OSC1/T1OSI/
T1CKI/P2A(1)/CCP2(1)
RA5
TTL
CMOS General purpose I/O.
CLKIN
CMOS
—
External clock input (EC mode).
OSC1
XTAL
—
Crystal/Resonator (LP, XT, HS modes).
T1OSI
XTAL
XTAL
Timer1 oscillator connection.
T1CKI
ST
—
Timer1 clock input.
P2A
—
CMOS PWM output.
CCP2
ST
CMOS Capture/Compare/PWM 2.
RC0/AN4/CPS4/C2IN+/SCL/
SCK/P1D(1)
RC0
TTL
CMOS General purpose I/O.
AN4
AN
—
A/D Channel 4 input.
CPS4
AN
—
Capacitive sensing input 4.
C2IN+
AN
—
Comparator C2 positive input.
SCL
I2COD
I2C™ clock.
SCK
ST
CMOS SPI clock.
P1D
—
CMOS PWM output.
RC1/AN5/CPS5/C12IN1-/SDA/
SDI/P1C(1)/CCP4
RC1
TTL
CMOS General purpose I/O.
AN5
AN
—
A/D Channel 5 input.
CPS5
AN
—
Capacitive sensing input 5.
C12IN1-
AN
—
Comparator C1 or C2 negative input.
SDA
I2COD
I2C data input/output.
SDI
CMOS
—
SPI data input.
P1C
—
CMOS PWM output.
CCP4
AN
—
Capacitive sensing input 4.
RC2/AN6/CPS6/C12IN2-/
P1D(1,2)/P2B(1,2)/SDO(1,2)/
MDCIN1
RC2
TTL
CMOS General purpose I/O.
AN6
AN
—
A/D Channel 6 input.
CPS6
AN
—
Capacitive sensing input 6.
C12IN2-
AN
—
Comparator C1 or C2 negative input.
P1D
—
CMOS PWM output.
P2B
—
CMOS PWM output.
SDO
—
CMOS SPI data output.
MDCIN1
ST
—
Modulator Carrier Input 1.
TABLE 1-2:
PIC16F/LF1824 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Pin functions can be moved using the APFCONO and APFCON1 registers (Register 12-1 and Register 12-2).
2: Default function location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com