Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J53-E/ML Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F46J53-E/ML
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
PDF  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J53-E/ML Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F46J53-E/ML Datasheet HTML 75Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 76Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 77Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 78Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 79Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 80Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 81Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 82Page - Microchip Technology PIC18F46J53-E/ML Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 79
PIC18F47J53 FAMILY
RPINR22
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR21
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR17
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR16
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR14
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR13
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR12
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR9
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR8
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR7
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR15
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR6
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR4
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR3
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR2
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPINR1
PIC18F2XJ53
PIC18F4XJ53
---1 1111
---1 1111
---u uuuu
RPOR24
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR23
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR22
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR21
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR20
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR19
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR18
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR17
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR13
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR12
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR11
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR10
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR9
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR8
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR7
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
RPOR6
PIC18F2XJ53
PIC18F4XJ53
---0 0000
---0 0000
---u uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset,
Wake From Deep
Sleep
MCLR Resets
WDT Reset
RESET Instruction
Stack Resets
CM Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2: When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3: One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4: See Table 5-1 for Reset value for specific condition.
5: Not implemented for PIC18F2XJ53 devices.
6: Not implemented for “LF” devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com