Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J53-E/SP Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F46J53-E/SP
Description  28/44-Pin, High-Performance USB Microcontrollers with nanoWatt XLP Technology
PDF  586 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J53-E/SP Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F46J53-E/SP Datasheet HTML 35Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 36Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 37Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 38Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 39Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 40Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 41Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 42Page - Microchip Technology PIC18F46J53-E/SP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 586 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39964B-page 39
PIC18F47J53 FAMILY
3.2.5.1
OSCTUNE Register
The internal oscillator’s output has been calibrated at
the factory but can be adjusted in the user’s applica-
tion. This is done by writing to the OSCTUNE register
(Register 3-1). The tuning sensitivity is constant
throughout the tuning range.
When the OSCTUNE register is modified, the INTOSC
frequency will begin shifting to the new frequency. The
INTOSC clock will stabilize typically within 1
s. Code
execution continues during this shift. There is no
indication that the shift has occurred.
The OSCTUNE register also contains the INTSRC bit.
The INTSRC bit allows users to select which internal
oscillator provides the clock source when the 31 kHz
frequency option is selected. This is covered in larger
detail in Section 3.5.1 “Oscillator Control Register”.
The PLLEN bit, contained in the OSCTUNE register,
can be used to enable or disable the internal 96 MHz
PLL when running in one of the PLL type oscillator
modes (e.g., INTOSCPLL). Oscillator modes that do
not contain “PLL” in their name cannot be used with
the PLL. In these modes, the PLL is always disabled
regardless of the setting of the PLLEN bit.
When configured for one of the PLL enabled modes, set-
ting the PLLEN bit does not immediately switch the
device clock to the PLL output. The PLL requires up to
electrical parameter, trc, to start-up and lock, during
which time, the device continues to be clocked. Once the
PLL output is ready, the microcontroller core will
automatically switch to the PLL derived frequency.
3.2.5.2
Internal Oscillator Output Frequency
and Drift
The internal oscillator block is calibrated at the factory
to produce an INTOSC output frequency of 8.0 MHz.
However, this frequency may drift as VDD or tempera-
ture changes, which can affect the controller operation
in a variety of ways.
The low-frequency INTRC oscillator operates indepen-
dently of the INTOSC source. Any changes in INTOSC
across voltage and temperature are not necessarily
reflected by changes in INTRC and vice versa.
3.2.5.3
Compensating for INTOSC Drift
It is possible to adjust the INTOSC frequency by
modifying the value in the OSCTUNE register. This has
no effect on the INTRC clock source frequency.
Tuning the INTOSC source requires knowing when to
make the adjustment, in which direction it should be
made and in some cases, how large a change is
needed. When using the EUSART, for example, an
adjustment may be required when it begins to generate
framing errors or receives data with errors while in
Asynchronous mode. Framing errors indicate that the
device clock frequency is too high; to adjust for this,
decrement the value in OSCTUNE to reduce the clock
frequency. On the other hand, errors in data may sug-
gest that the clock speed is too low; to compensate,
increment OSCTUNE to increase the clock frequency.
It is also possible to verify device clock speed against
a reference clock. Two timers may be used: one timer
is clocked by the peripheral clock, while the other is
clocked by a fixed reference source, such as the
Timer1 oscillator. Both timers are cleared, but the timer
clocked by the reference generates interrupts. When
an interrupt occurs, the internally clocked timer is read
and both timers are cleared. If the internally clocked
timer value is greater than expected, then the internal
oscillator block is running too fast. To adjust for this,
decrement the OSCTUNE register.
Finally, an ECCP module can use free-running Timer1
(or Timer3), clocked by the internal oscillator block and
an external event with a known period (i.e., AC power
frequency). The time of the first event is captured in the
CCPRxH:CCPRxL registers and is recorded for use
later. When the second event causes a capture, the
time of the first event is subtracted from the time of the
second event. Since the period of the external event is
known, the time difference between events can be
calculated.
If the measured time is greater than the calculated time,
the internal oscillator block is running too fast; to
compensate, decrement the OSCTUNE register. If the
measured time is less than the calculated time, the inter-
nal oscillator block is running too slow; to compensate,
increment the OSCTUNE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com