Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F25K20-E/SP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F25K20-E/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F25K20-E/SP Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F25K20-E/SP Datasheet HTML 1Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 2Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 3Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 4Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 5Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 6Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 7Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 8Page - Microchip Technology PIC18F25K20-E/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 456 page
background image
PIC18F2XK20/4XK20
DS41303G-page 4
 2010 Microchip Technology Inc.
-
Note
1:
One pin is input only.
2:
Channel count includes internal fixed voltage reference channel.
Device
Program Memory
Data Memory
I/O(1)
10-bit
A/D
(ch)(2)
CCP/
ECCP
(PWM)
MSSP
Comp.
Timers
8/16-bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Master
I2C™
PIC18F23K20
8K
4096
512
256
25
11
1/1
Y
Y
1
2
1/3
PIC18F24K20
16K
8192
768
256
25
11
1/1
Y
Y
1
2
1/3
PIC18F25K20
32K
16384
1536
256
25
11
1/1
Y
Y
1
2
1/3
PIC18F26K20
64k
32768
3936
1024
25
11
1/1
Y
Y
1
2
1/3
PIC18F43K20
8K
4096
512
256
36
14
1/1
Y
Y
1
2
1/3
PIC18F44K20
16K
8192
768
256
36
14
1/1
Y
Y
1
2
1/3
PIC18F45K20
32K
16384
1536
256
36
14
1/1
Y
Y
1
2
1/3
PIC18F46K20
64k
32768
3936
1024
36
14
1/1
Y
Y
1
2
1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com