| Electronic Components Datasheet Search |
|
PIC16F72X Datasheet(PDF) 84 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72X Datasheet(HTML) 84 Page - Microchip Technology |
|
84 / 302 page ![]() PIC16F72X/PIC16LF72X DS41341E-page 84 © 2009 Microchip Technology Inc. 6.6 PORTE and TRISE Registers PORTE(1) is a 4-bit wide, bidirectional port. The corresponding data direction register is TRISE. Setting a TRISE bit (= 1) will make the corresponding PORTE pin an input (i.e., put the corresponding output driver in a High-Impedance mode). Clearing a TRISE bit (= 0) will make the corresponding PORTE pin an output (i.e., enable the output driver and put the contents of the output latch on the selected pin). The exception is RE3, which is input only and its TRIS bit will always read as ‘1’. Example 6-5 shows how to initialize PORTE. Reading the PORTE register (Register 6-15) reads the status of the pins, whereas writing to it will write to the PORT latch. All write operations are read-modify-write operations. Therefore, a write to a port implies that the port pins are read, this value is modified and then written to the PORT data latch. RE3 reads ‘0’ when MCLRE = 1. The TRISE register (Register 6-16) controls the PORTE pin output drivers, even when they are being used as analog inputs. The user should ensure the bits in the TRISE register are maintained set when using them as analog inputs. I/O pins configured as analog input always read ‘0’. EXAMPLE 6-5: INITIALIZING PORTE Note 1: RE<2:0> and TRISE<2:0> are not implemented on the PIC16F722/723/726/ PIC16LF722/723/726. Read as ‘0’. Note: The ANSELE register must be initialized to configure an analog channel as a digital input. Pins configured as analog inputs will read ‘0’. BANKSEL PORTE ; CLRF PORTE ;Init PORTE BANKSEL ANSELE ; CLRF ANSELE ;digital I/O BANKSEL TRISE ; MOVLW B‘00001100’ ;Set RE<2> as an input MOVWF TRISE ;and set RE<1:0> ;as outputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |