Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-I/ML Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC16F722-I/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/ML Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC16F722-I/ML Datasheet HTML 20Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 21Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 22Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 23Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 24Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 25Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 26Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 27Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 24
© 2009 Microchip Technology Inc.
TABLE 2-1:
PIC16F72X/PIC16LF72X SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Page
Bank 0
00h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
31,40
01h
TMR0
Timer0 Module Register
xxxx xxxx
111,40
02h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
30,40
03h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
27,40
04h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31,40
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx xxxx
54,40
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
63,40
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
73,40
08h(3)
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
80,40
09h
PORTE
—
—
—
—RE3
RE2(3)
RE1(3)
RE0(3)
---- xxxx
85,40
0Ah(1, 2)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30,40
0Bh(2)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
46,40
0Ch
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
49,40
0Dh
PIR2
—
—
—
—
—
—
—
CCP2IF
---- ---0
50,40
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
120,40
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx
120,40
10h
T1CON
TMR1CS1 TMR1CS0 T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
—TMR1ON
0000 00-0
124,40
11h
TMR2
Timer2 Module Register
0000 0000
127,40
12h
T2CON
—
TOUTPS3 TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
128,40
13h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
169,40
14h
SSPCON
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
186,40
15h
CCPR1L
Capture/Compare/PWM Register (LSB)
xxxx xxxx
137,40
16h
CCPR1H
Capture/Compare/PWM Register (MSB)
xxxx xxxx
137,40
17h
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
136,40
18h
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
155,40
19h
TXREG
USART Transmit Data Register
0000 0000
154,40
1Ah
RCREG
USART Receive Data Register
0000 0000
152,40
1Bh
CCPR2L
Capture/Compare/PWM Register 2 (LSB)
xxxx xxxx
137,40
1Ch
CCPR2H
Capture/Compare/PWM Register 2 (MSB)
xxxx xxxx
137,40
1Dh
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
136,40
1Eh
ADRES
A/D Result Register
xxxx xxxx
105,41
1Fh
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
104,41
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F722/723/726/PIC16LF722/723/726 devices, read as ‘0’.
4:
Accessible only when SSPM<3:0> = 1001.
5:
Accessible only when SSPM<3:0>
≠ 1001.
6:
This bit is always ‘1’ as RE3 is input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com