Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11LC021-ITT Datasheet(PDF) 13 Page - Microchip Technology

Part # 11LC021-ITT
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC021-ITT Datasheet(HTML) 13 Page - Microchip Technology

Back Button 11LC021-ITT Datasheet HTML 9Page - Microchip Technology 11LC021-ITT Datasheet HTML 10Page - Microchip Technology 11LC021-ITT Datasheet HTML 11Page - Microchip Technology 11LC021-ITT Datasheet HTML 12Page - Microchip Technology 11LC021-ITT Datasheet HTML 13Page - Microchip Technology 11LC021-ITT Datasheet HTML 14Page - Microchip Technology 11LC021-ITT Datasheet HTML 15Page - Microchip Technology 11LC021-ITT Datasheet HTML 16Page - Microchip Technology 11LC021-ITT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS22067H-page 13
11AAXXX/11LCXXX
4.4
Write Enable (WREN) and Write
Disable (WRDI) Instructions
The 11XX contains a write enable latch. See Table 6-1
for the Write-Protect Functionality Matrix. This latch
must be set before any write operation will be com-
pleted internally. The
WREN instruction will set the
latch, and the
WRDI instruction will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
• Power-up
•
WRDI instruction successfully executed
•
WRSR instruction successfully executed
•
WRITE instruction successfully executed
•
ERAL instruction successfully executed
•
SETAL instruction successfully executed
FIGURE 4-4:
WRITE ENABLE COMMAND SEQUENCE
FIGURE 4-5:
WRITE DISABLE COMMAND SEQUENCE
Note: The
WREN and WRDI instructions must
be terminated with a NoMAK following
the command byte. If a NoMAK is not
received at this point, the command will
be considered invalid, and the device
will go into Idle mode without responding
with a SAK or executing the command.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
10
0
1
0
0
11
Standby Pulse
SCIO
Note 1: For the 11XXXX1, this bit must be a ‘1’.
11
0
1
0
1
00
Start Header
SCIO
Device Address
00(1)
0
0
1
0
10
Command
01
0
1
0
0
10
Standby Pulse
SCIO
Note 1: For the 11XXXX1, this bit must be a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com