Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1826S-0802E/EB Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1826S-0802E/EB
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826S-0802E/EB Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1826S-0802E/EB Datasheet HTML 11Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 12Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 13Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 14Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 15Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 16Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 17Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 18Page - Microchip Technology MCP1826S-0802E/EB Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
© 2007 Microchip Technology Inc.
DS22057A-page 15
MCP1826/MCP1826S
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Shutdown Control Input (SHDN)
The SHDN input is used to turn the LDO output voltage
on and off. When the SHDN input is at a logic-high
level, the LDO output voltage is enabled. When the
SHDN input is pulled to a logic-low level, the LDO
output voltage is disabled. When the SHDN input is
pulled low, the PWRGD output also goes low and the
LDO enters a low quiescent current shutdown state
where the typical quiescent current is 0.1 µA.
3.2
Input Voltage Supply (VIN)
Connect the unregulated or regulated input voltage
source to VIN. If the input voltage source is located
several inches away from the LDO, or the input source
is a battery, it is recommended that an input capacitor
be used. A typical input capacitance value of 1 µF to
10 µF should be sufficient for most applications.
3.3
Ground (GND)
Connect the GND pin of the LDO to a quiet circuit
ground. This will help the LDO power supply rejection
ratio and noise performance. The ground pin of the
LDO only conducts the quiescent current of the LDO
(typically 120 µA), so a heavy trace is not required.
For applications have switching or noisy inputs tie the
GND pin to the return of the output capacitor. Ground
planes help lower inductance and voltage spikes
caused by fast transient load currents and are
recommended for applications that are subjected to
fast load transients.
3.4
Regulated Output Voltage (VOUT)
The VOUT pin is the regulated output voltage of the
LDO. A minimum output capacitance of 1.0 µF is
required for LDO stability. The MCP1826/MCP1826S is
stable with ceramic, tantalum and aluminum-electro-
lytic capacitors. See Section 4.3 “Output Capacitor”
for output capacitor selection guidance.
3.5
Power Good Output (PWRGD)
The PWRGD output is an open-drain output used to
indicate when the LDO output voltage is within 92%
(typically) of its nominal regulation value. The PWRGD
threshold has a typical hysteresis value of 2%. The
PWRGD output is delayed by 200 µs (typical) from the
time the LDO output is within 92% + 3% (max hystere-
sis) of the regulated output value on power-up. This
delay time is internally fixed.
3.6
Output Voltage Adjust Input (ADJ)
For adjustable applications, the output voltage is
connected to the ADJ input through a resistor divider
that sets the output voltage regulation value. This
provides the user the capability to set the output
voltage to any value they desire within the 0.8V to 5.0V
range of the device.
3.7
Exposed Pad (EP)
The DDPAK and TO-220 package have an exposed tab
on the package. A heat sink may may be mount to the
tab to aid in the removal of heat from the package
during operation. The exposed tab is at the ground
potential of the LDO.
3-Pin Fixed
Output
5-Pin Fixed
Output
Adjustable
Output
Name
Description
—
1
1
SHDN
Shutdown Control Input (active-low)
12
2VIN
Input Voltage Supply
2
3
3
GND
Ground
34
4
VOUT
Regulated Output Voltage
—
5
—
PWRGD
Power Good Output
——
5
ADJ
Voltage Adjust/Sense Input
Exposed Pad Exposed Pad Exposed Pad
EP
Exposed Pad of the Package (ground potential)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com