Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SS Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 22Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 23Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 24Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 25Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 26Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 27Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 28Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 29Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 26
© 2009 Microchip Technology Inc.
Bank 2
100h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
31,40
101h
TMR0
Timer0 Module Register
xxxx xxxx
111,40
102h(2)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
30,40
103h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
27,40
104h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31,40
105h
—
Unimplemented
—
—
106h
—
Unimplemented
—
—
107h
—
Unimplemented
—
—
108h
CPSCON0
CPSON
—
—
—
CPSRNG1 CPSRNG0
CPSOUT
T0XCS
0--- 0000
133,41
109h
CPSCON1
—
—
—
—
CPSCH3
CPSCH2
CPSCH1
CPSCH0
---- 0000
134,41
10Ah(1, 2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30,40
10Bh(2)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
46,40
10Ch
PMDATL
Program Memory Read Data Register Low Byte
xxxx xxxx
189,41
10Dh
PMADRL
Program Memory Read Address Register Low Byte
xxxx xxxx
189,41
10Eh
PMDATH
—
—
Program Memory Read Data Register High Byte
--xx xxxx
189,41
10Fh
PMADRH
—
—
—
Program Memory Read Address Register High Byte
---x xxxx
189,41
Bank 3
180h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
31,40
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
28,41
182h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
30,40
183h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
27,40
184h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
31,40
185h
ANSELA
—
—
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
--11 1111
55,41
186h
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
--11 1111
64,41
187h
—
Unimplemented
—
—
188h
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
1111 1111
81,41
189h(3)
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
---- -111
86,41
18Ah(1, 2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
30,40
18Bh(2)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
46,40
18Ch
PMCON1
Reserved
—
—
—
—
—
—RD
1--- ---0
190,41
18Dh
—
Unimplemented
—
—
18Eh
—
Unimplemented
—
—
18Fh
—
Unimplemented
—
—
TABLE 2-1:
PIC16F72X/PIC16LF72X SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F722/723/726/PIC16LF722/723/726 devices, read as ‘0’.
4:
Accessible only when SSPM<3:0> = 1001.
5:
Accessible only when SSPM<3:0>
≠ 1001.
6:
This bit is always ‘1’ as RE3 is input only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com