Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/SS Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 186Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 187Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 188Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 189Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 190Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 191Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 192Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 193Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 190
© 2009 Microchip Technology Inc.
REGISTER 18-1:
PMCON1: PROGRAM MEMORY CONTROL 1 REGISTER
R-1
U-0
U-0
U-0
U-0
U-0
U-0
R/S-0
Reserved
—
—l
—
—
—
—RD
bit 7
bit 0
Legend:
S = Setable bit, cleared in hardware
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Reserved: Read as ‘1’. Maintain this bit set.
bit 6-1
Unimplemented: Read as ‘0’
bit 0
RD: Read Control bit
1
= Initiates an program memory read (The RD is cleared in hardware; the RD bit can only be set (not
cleared) in software).
0
= Does not initiate a program memory read
REGISTER 18-2:
PMDATH: PROGRAM MEMORY DATA HIGH REGISTER
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
PMD13
PMD12
PMD11
PMD10
PMD9
PMD8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
PMD<13:8>: The value of the program memory word pointed to by PMADRH and PMADRL after a
program memory read command.
REGISTER 18-3:
PMDATL: PROGRAM MEMORY DATA LOW REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
PMD7
PMD6
PMD5
PMD4
PMD3
PMD2
PMD1
PMD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PMD<7:0>: The value of the program memory word pointed to by PMADRH and PMADRL after a
program memory read command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com