| Electronic Components Datasheet Search |
|
PIC16F722-MV/SS Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722-MV/SS Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 302 page ![]() © 2009 Microchip Technology Inc. DS41341E-page 17 PIC16F72X/PIC16LF72X RB4/AN11/CPS4 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN11 AN — A/D Channel 11 input. CPS4 AN — Capacitive sensing input 4. RB5/AN13/CPS5/T1G RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. AN13 AN — A/D Channel 13 input. CPS5 AN — Capacitive sensing input 5. T1G ST — Timer1 Gate input. RB6/ICSPCLK/ICDCLK RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPCLK ST — Serial Programming Clock. ICDCLK ST — In-Circuit Debug Clock. RB7/ICSPDAT/ICDDAT RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPDAT ST CMOS ICSP™ Data I/O. ICDDAT ST — In-Circuit Data I/O. RC0/T1OSO/T1CKI RC0 ST CMOS General purpose I/O. T1OSO XTAL XTAL Timer1 oscillator connection. T1CKI ST — Timer1 clock input. RC1/T1OSI/CCP2 RC1 ST CMOS General purpose I/O. T1OSI XTAL XTAL Timer1 oscillator connection. CCP2 ST CMOS Capture/Compare/PWM2. RC2/CCP1 RC2 ST CMOS General purpose I/O. CCP1 ST CMOS Capture/Compare/PWM1. RC3/SCK/SCL RC3 ST CMOS General purpose I/O. SCK ST CMOS SPI clock. SCL I2C™ OD I2C™ clock. RC4/SDI/SDA RC4 ST CMOS General purpose I/O. SDI ST — SPI data input. SDA I2C™ OD I2C™ data input/output. RC5/SDO RC5 ST CMOS General purpose I/O. SDO — CMOS SPI data output. RC6/TX/CK RC6 ST CMOS General purpose I/O. TX — CMOS USART asynchronous transmit. CK ST CMOS USART synchronous clock. RC7/RX/DT RC7 ST CMOS General purpose I/O. RX ST — USART asynchronous input. DT ST CMOS USART synchronous data. RD0/CPS8 RD0 ST CMOS General purpose I/O. CPS8 AN — Capacitive sensing input 8. RD1/CPS9 RD1 ST CMOS General purpose I/O. CPS9 AN — Capacitive sensing input 9. RD2/CPS10 RD2 ST CMOS General purpose I/O. CPS10 AN — Capacitive sensing input 10. TABLE 1-1: PIC16F72X/PIC16LF72X PINOUT DESCRIPTION (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |