Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-MV/SS Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC16F722-MV/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/SS Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC16F722-MV/SS Datasheet HTML 185Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 186Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 187Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 188Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 189Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 190Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 191Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 192Page - Microchip Technology PIC16F722-MV/SS Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 189
PIC16F72X/PIC16LF72X
18.0
PROGRAM MEMORY READ
The Flash program memory is readable during normal
operation over the full VDD range of the device. To read
data from Program Memory, five Special Function
Registers (SFRs) are used:
•PMCON1
•PMDATL
•PMDATH
• PMADRL
• PMADRH
The value written to the PMADRH:PMADRL register
pair determines which program memory location is
read. The read operation will be initiated by setting the
RD bit of the PMCON1 register. The program memory
flash controller takes two instructions to complete the
read, causing the second instruction after the setting
the RD bit will be ignored. To avoid conflict with pro-
gram execution, it is recommended that the two instruc-
tions following the setting of the RD bit are NOP. When
the read completes, the result is placed in the
PMDATLH:PMDATL
register
pair.
Refer
to
Example 18-1 for sample code.
EXAMPLE 18-1:
PROGRAM MEMORY READ
Note:
Code-protect does not effect the CPU
from performing a read operation on the
program memory. For more information,
refer to Section 8.2 “Code Protection”
BANKSEL
PMADRL
;
MOVF
MS_PROG_ADDR, W ;
MOVWF
PMADRH
;MS Byte of Program Address to read
MOVF
LS_PROG_ADDR, W ;
MOVWF
PMADRL
;LS Byte of Program Address to read
BANKSEL
PMCON1
;
BSF
PMCON1, RD
;Initiate Read
NOP
NOP
;Any instructions here are ignored as program
;memory is read in second cycle after BSF
BANKSEL
PMDATL
;
MOVF
PMDATL, W
;W = LS Byte of Program Memory Read
MOVWF
LOWPMBYTE
;
MOVF
PMDATH, W
;W = MS Byte of Program Memory Read
MOVWF
HIGHPMBYTE
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com