Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM351 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # EM351
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EM351 Datasheet HTML 17Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 18Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 19Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 20Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 21Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 22Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 23Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 24Page - List of Unclassifed Manufacturers EM351 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 240 page
background image
EM351 / EM357
2-8
120-035X-000D
Preliminary
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Linear RSSI range
As defined by IEEE 802.15.4-2003
40
dB
RSSI Range
-90
-40
dBm
Figure 2-3 shows the variation of receive sensitivity with temperature for boost mode and normal mode for a
typical chip.
Figure 2-3. Receive sensitivity vs temperature
2.7.2
Transmit
Table 2-8 lists the key parameters of the integrated IEEE 802.15.4-2003 transmitter on the EM35x.
Note:
Transmit measurements were collected with Ember’s EM35x Ceramic Balun Reference Design (Version
A0) at 2440 MHz. The Typical number indicates one standard deviation below the mean, measured at room
temperature (25°C). The Min and Max numbers were measured over process corners at room temperature. In
terms of impedance, this reference design presents a 3n3 inductor in parallel with a 1
00:50 Ω balun to the RF
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com