Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP1007 Datasheet(PDF) 3 Page - Littelfuse

Part # SP1007
Description  SPA??Silicon Protection Array Products 3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1007 Datasheet(HTML) 3 Page - Littelfuse

  SP1007 Datasheet HTML 1Page - Littelfuse SP1007 Datasheet HTML 2Page - Littelfuse SP1007 Datasheet HTML 3Page - Littelfuse SP1007 Datasheet HTML 4Page - Littelfuse SP1007 Datasheet HTML 5Page - Littelfuse SP1007 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
47
©2010 Littelfuse, Inc.
Revised: May 17, 2010
SPA™ Silicon Protection Array Products
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
SP1007 Lead-Free/Green Series
Pulse Waveform
Capacitance vs. Reverse Bias
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Bias Voltage (V)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Insertion Loss (S21) I/O to GND
-35
-30
-25
-20
-15
-10
-5
0
5
1
10
100
1000
10000
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com