Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46K20-E/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F46K20-E/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46K20-E/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F46K20-E/ML Datasheet HTML 9Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 10Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 11Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 12Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 13Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 14Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 15Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 16Page - Microchip Technology PIC18F46K20-E/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 456 page
background image
TABLE 1-1:
DEVICE FEATURES
Features
PIC18F23K20
PIC18F24K20
PIC18F25K20
PIC18F26K20
PIC18F43K20
PIC18F44K20
PIC18F45K20
PIC18F46K20
Operating Frequency(2)
DC – 64 MHz
DC – 64 MHz
DC – 64 MHz
DC – 64 MHz
DC – 64 MHz
DC – 64 MHz
DC – 64 MHz
DC – 64 MHz
Program Memory (Bytes)
8192
16384
32768
65536
8192
16384
32768
65536
Program Memory
(Instructions)
4096
8192
16384
32768
4096
8192
16384
32768
Data Memory (Bytes)
512
768
1536
3936
512
768
1536
3936
Data EEPROM Memory
(Bytes)
256
256
256
1024
256
256
256
1024
Interrupt Sources
19
19
19
19
20
20
20
20
I/O Ports
A, B, C, (E)(1)
A, B, C, (E)(1)
A, B, C, (E)(1)
A, B, C, (E)(1)
A, B, C, D, E
A, B, C, D, E
A, B, C, D, E
A, B, C, D, E
Timers
4
4
44
44
44
Capture/Compare/PWM
Modules
111
1
1
1
1
1
Enhanced Capture/
Compare/PWM Modules
1
1
11
11
11
Serial Communications
MSSP, Enhanced
USART
MSSP, Enhanced
USART
MSSP, Enhanced
USART
MSSP, Enhanced
USART
MSSP, Enhanced
USART
MSSP, Enhanced
USART
MSSP, Enhanced
USART
MSSP, Enhanced
USART
Parallel Communica-
tions (PSP)
No
No
No
No
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital
Module
1 internal plus 10
Input Channels
1 internal plus 10
Input Channels
1 internal plus 10
Input Channels
1 internal plus 10
Input Channels
1 internal plus 13
Input Channels
1 internal plus 13
Input Channels
1 internal plus 13
Input Channels
1 internal plus 13
Input Channels
Resets (and Delays)
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST), MCLR
(optional), WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST), MCLR
(optional), WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST),
MCLR (optional),
WDT
POR, BOR, RESET
Instruction, Stack
Full, Stack Underflow
(PWRT, OST), MCLR
(optional), WDT
Programmable High/
Low-Voltage Detect
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programmable Brown-
out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
75 Instructions; 83
with Extended
Instruction Set
enabled
Packages
28-pin PDIP
28-pin SOIC
28-pin QFN
28-pin SSOP
28-pin UQFN
28-pin PDIP
28-pin SOIC
28-pin QFN
28-pin SSOP
28-pin PDIP
28-pin SOIC
28-pin QFN
28-pin SSOP
28-pin PDIP
28-pin SOIC
28-pin QFN
28-pin SSOP
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP
Note
1:
PORTE contains the single RE3 read-only bit. The LATE and TRISE registers are not implemented.
2:
Frequency range shown applies to industrial range devices only. Maximum frequency for extended range devices is 48 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com