Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/SO Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F1933-E/SO
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SO Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F1933-E/SO Datasheet HTML 55Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 56Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 57Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 58Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 59Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 60Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 61Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 62Page - Microchip Technology PIC16F1933-E/SO Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 57
PIC16F193X/LF193X
3.0
RESETS
The
PIC16F193X/LF193X
differentiates
between
various kinds of Reset:
a)
Power-on Reset (POR)
b)
WDT Reset during normal operation
c)
MCLR Reset
d)
Brown-out Reset (BOR)
e)
RESET
instruction
f)
Stack Overflow
g)
Stack Underflow
Some registers are not affected in any Reset condition;
their status is unknown on POR and unchanged in any
other Reset. Most other registers are reset to a “Reset
state” on:
• Power-on Reset (POR)
•MCLR Reset
•WDT Reset
• Brown-out Reset (BOR)
Most registers are not affected by a WDT wake-up
since this is viewed as the resumption of normal
operation. TO and PD bits are set or cleared differently
in different Reset situations, as indicated in Table 3-6.
These bits are used in software to determine the nature
of the Reset.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 3-1.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Section 28.0 “Electrical
Specifications” for pulse width specifications.
FIGURE 3-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
External Reset
MCLR
VDD
OSC1
WDT
Time-out
VDD Rise
Detect
OST/PWRT
LFINTOSC
POR Pulse
OST(2)
10-bit Ripple Counter
PWRT(2)
11-bit Ripple Counter
Enable OST(1)
Enable PWRT
Note 1:
See Table 3-5 for time-out situations.
2:
PWRT and OST counters are reset by POR and BOR.
Brown-out
Reset
BOR
RESET
Instruction
Stack
Pointer
Stack Full/Underflow Reset
Sleep
1024 Cycles
64 ms
MCLRE
S
R
Q
Chip_Reset
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com