Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/SP Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16F1933-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SP Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16F1933-E/SP Datasheet HTML 111Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 112Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 113Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 114Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 115Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 116Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 117Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 118Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 113
PIC16F193X/LF193X
8.5.5
OSCSTAT REGISTER
The OSCSTAT register contains flags that represent
the current status of the oscillators module.
REGISTER 8-2:
OSCSTAT: OSCILLATOR STATUS REGISTER
R-0/q
R-0/q
R-q/q
R-0/q
R-0/q
R-q/q
R-0/0
R-0/q
T1OSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
T1OSCR: Timer1 Oscillator Ready bit
If the Timer1 oscillator is enabled (T1OSCEN = 1)
1
= Timer1 oscillator is ready and can be switched to
0
= Timer1 oscillator is not ready
else Timer1 oscillator is disabled - clock source is T1CKI
1
= Timer1 oscillator is always ready
bit 6
PLLR 4x PLL Ready bit
1
= 4x PLL is ready and can be switched to
0
= 4x PLL oscillator is not ready
bit 5
OSTS: Oscillator Start-up Time-out Status bit
1
= Device running from the clock defined by FOSC<3:0> of the CONFIG1 register
0
= Device running from the internal oscillator (HFINTOSC, MFINTOSC or LFINTOSC)
bit 4
HFIOFR: High Frequency Internal Oscillator Ready bit
1
= 16 MHz Internal Oscillator (HFINTOSC) is ready and can be switched to
0
= 16 MHz Internal Oscillator (HFINTOSC) is not ready
bit 3
HFIOFL: High Frequency Internal Oscillator Status Locked bit (2% Stable)
1
= 16 MHz Internal Oscillator (HFINTOSC) is in lock
0
= 16 MHz Internal Oscillator (HFINTOSC) has not yet locked
bit 2
MFIOFR: Medium Frequency Internal Oscillator (500 kHz HFINTOSC Output) Ready bit
1
= 500 kHz Internal Oscillator (MFINTOSC) is ready and can be switched to
0
= 500 kHz Internal Oscillator (MFINTOSC) is not ready
bit 1
LFIOFR: Low Frequency Internal Oscillator Ready bit
1
= 31 kHz Internal Oscillator (LFINTOSC) is ready and can be switched to
0
= 31 kHz Internal Oscillator (LFINTOSC) is not ready
bit 0
HFIOFS: High Frequency Internal Oscillator Stable bit (0.5% Stable)
1
= 16 MHz Internal Oscillator (HFINTOSC) is in communications stable
0
= 16 MHz Internal Oscillator (HFINTOSC) is not yet communications stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com