Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/SP Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F1933-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SP Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F1933-E/SP Datasheet HTML 12Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 13Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 14Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 15Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 16Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 17Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 18Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 19Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 14
Preliminary
© 2008 Microchip Technology Inc.
1.1
Enhanced Mid-range CPU
PIC16F193X/LF193X devices contain an enhanced
mid-range
8-bit
CPU
core.
The
CPU
has
49
instructions. Interrupt capability includes automatic
context saving. The hardware stack is 16 levels deep
and has Overflow and Underflow Reset capability.
Direct, indirect, and relative addressing modes are
available. Two File Select Registers (FSRs) provide the
ability to read program and data memory.
During interrupts, certain registers are automatically
saved in shadow registers and restored when returning
from the interrupt. This saves stack space and user
code. See Section 4.5 “Context Saving”, for more
information.
1.1.1
16-LEVEL STACK WITH OVERFLOW
AND UNDERFLOW RESET
The PIC16F193X/LF193X devices have an external
stack memory 15 bits wide and 16 deep. During normal
operation, the stack is assumed to be 16 words deep.
If enabled, a Stack Overflow or Underflow will set the
appropriate bit (STKOVF or STKUNF) in the PCON
register, and cause a software Reset. See section
Section 2.4 “Stack” for more details.
1.1.2
FILE SELECT REGISTERS
There are two 16-bit File Select Registers (FSR). FSRs
can access all file registers and program memory,
which allows one data pointer for all memory. When an
FSR points to program memory, there is 1 additional
instruction cycle in instructions using INDF to allow the
data to be fetched. There are also new instructions to
support
the
FSRs.
See
Section 2.5
“Indirect
Addressing, INDF and FSR Registers” for more
details.
1.1.3
INSTRUCTION SET
There are 48 instructions for the enhanced mid-range
CPU to support the features of the CPU. See
Section 26.0 “Instruction Set Summary” for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com