Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F2136CCDFP Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F2136CCDFP
Description  RENESAS MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CCDFP Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F2136CCDFP Datasheet HTML 39Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 40Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 41Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 42Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 43Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 44Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 45Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 46Page - Renesas Technology Corp R5F2136CCDFP Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
R8C/36C Group
5. Electrical Characteristics
REJ03B0296-0100 Rev.1.00
Page 43 of 56
Apr 14, 2010
Note:
1. 4.2 V
≤ VCC ≤ 5.5 V, Topr = −20 to 85 °C (N version)/−40 to 85 °C (D version), and f(XIN) = 20 MHz, unless otherwise
specified.
Table 5.17
Electrical Characteristics (1) [4.2 V
≤ VCC ≤ 5.5 V]
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOH =
−20 mA VCC − 2.0
—
VCC
V
Drive capacity Low VCC = 5 V IOH =
−5 mA
VCC
− 2.0
—
VCC
V
XOUT
VCC = 5 V
IOH =
−200 µA1.0
—
VCC
V
VOL
Output “L”
voltage
Other than XOUT
Drive capacity High VCC = 5 V IOL = 20 mA
—
—
2.0
V
Drive capacity Low VCC = 5 V IOL = 5 mA
—
—
2.0
V
XOUT
VCC = 5 V
IOL = 200
µA—
—
0.5
V
VT+-VT-
Hysteresis INT0, INT1, INT2,
INT3, INT4,
KI0, KI1, KI2, KI3,
TRAIO, TRBO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRFI, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
0.1
1.2
—
V
RESET
0.1
1.2
—
V
IIH
Input “H” current
VI = 5 V, VCC = 5.0 V
—
—
5.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 5.0 V
—
—
−5.0
µA
RPULLUP
Pull-up resistance
VI = 0 V, VCC = 5.0 V
25
50
100
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
8
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com