Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-I/ML Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F1934-I/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-I/ML Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F1934-I/ML Datasheet HTML 63Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 64Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 65Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 66Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 67Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 68Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 69Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 70Page - Microchip Technology PIC16F1934-I/ML Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 65
PIC16F193X/LF193X
3.9
Power Control (PCON) Register
The Power Control (PCON) register has six Status bits
to indicate what type of Reset that last occurred.
3.9.1
PCON REGISTER
The Power Control (PCON) register contains flag bits
(refer to Table 3-6) to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Reset Instruction Reset (RI)
• Stack Overflow Reset (STKOVF)
• Stack Underflow Reset (STKUVF)
The PCON register also controls the software enable of
the BOR.
The PCON register bits are shown in Register 3-3.
REGISTER 3-3:
PCON: POWER CONTROL REGISTER
R/W-0/q
R/W-0/q
U-0
U-0
R/W-1/q
R/W-1/q
R/W-q/u
R/W-q/u
STKOVF
STKUNF
—
—
RMCLR
RI
POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
STKOVF: Stack Overflow Flag bit
1
= A Stack Overflow occurred (more CALLs than fit on the stack)
0
= A Stack Overflow has not occurred or set to ‘0’ by firmware
bit 6
STKUNF: Stack Underflow Flag bit
1
= A Stack Underflow occurred (more RETURNs than CALLs)
0
= A Stack Underflow has not occurred or set to ‘0’ by firmware
bit 5-4
Unimplemented: Read as ‘0’
bit 3
RMCLR: MCLR Reset Flag bit
1
= A MCLR Reset has not occurred or set to ‘1’ by firmware
0
= A MCLR Reset has occurred (set to ‘0’ in hardware when a MCLR Reset occurs)
bit 2
RI: RESET Instruction Flag bit
1
= A RESET instruction has not been executed or set to ‘1’ by firmware
0
= A RESET instruction has been executed (set to ‘0’ in hardware upon executing a RESET instruction)
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Power-on Reset or Brown-out Reset
occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com