Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 202Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 203Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 204Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 205Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 206Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 207Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 208Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 209Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 204
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 19-4:
CCPXAS: CCPX AUTO-SHUTDOWN CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
CCPxASE
CCPxAS2
CCPxAS1
CCPxAS0
PSSxAC1
PSSxAC0
PSSxBD1
PSSxBD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CCPxASE: CCPx Auto-Shutdown Event Status bit
1
= A shutdown event has occurred; CCPx outputs are in shutdown state
0
= CCPx outputs are operating
bit 6-4
CCxPAS<2:0>: CCPx Auto-Shutdown Source Select bits
000
= Auto-shutdown is disabled
001
= Comparator C1 output low(1)
010
= Comparator C2 output low(1)
011
= Either Comparator C1 or C2 low(1)
100
=VIL on INT pin
101
=VIL on INT pin or Comparator C1 low(1)
110
=VIL on INT pin or Comparator C2 low(1)
111
=VIL on INT pin or Comparator C1 or Comparator C2 low(1)
bit 3-2
PSSxACx: Pins P1A and P1C Shutdown State Control bits
00
= Drive pins P1A and P1C to ‘0’
01
= Drive pins P1A and P1C to ‘1’
1x
= Pins P1A and P1C tri-state
bit 1-0
PSSxBDx: Pins P1B and P1D Shutdown State Control bits
00
= Drive pins P1B and P1D to ‘0’
01
= Drive pins P1B and P1D to ‘1’
1x
= Pins P1B and P1D tri-state
Note 1:
If CxSYNC is enabled, the shutdown will be delayed by Timer1.
Note 1: The
auto-shutdown
condition
is
a
level-based signal, not an edge-based
signal. As long as the level is present, the
auto-shutdown will persist.
2: Writing to the CCPxASE bit is disabled
while
an
auto-shutdown
condition
persists.
3: Once the auto-shutdown condition has
been removed and the PWM restarted
(either through firmware or auto-restart)
the PWM signal will always restart at the
beginning of the next PWM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com