Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1934-E/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F1934-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 34Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 35Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 36Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 37Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 38Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 39Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 40Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 41Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 36
Preliminary
© 2008 Microchip Technology Inc.
Bank 1
080h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
081h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
082h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
083h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
084h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
085h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
086h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
087h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
088h(2)
BSR
—
—
—
BSR4
BSR3
BSR2
BSR1
BSR0
---0 0000 ---0 0000
089h(2)
WREG
Working Register
0000 0000 uuuu uuuu
08Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
08Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
08Ch
TRISA
PORTA Data Direction Register
1111 1111 1111 1111
08Dh
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
08Eh
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
08Fh(3)
TRISD
PORTD Data Direction Register
1111 1111 1111 1111
090h
TRISE
—
—
—
—
TRISE3
TRISE2(3) TRISE1(3) TRISE0(3) ---- 1111 ---- 1111
091h
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000 0000 0000
092h
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
—
CCP2IE
0000 00-0 0000 00-0
093h
PIE3
—
CCP5IE
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—
-000 0-0- -000 0-0-
094h
—
Unimplemented
—
—
095h
OPTION_REG
WPUEN
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
096h
PCON
STKOVF
STKUNF
—
—RMCLR
RI
POR
BOR
00-- 11qq qq-- qquu
097h
WDTCON
—
—
WDTPS4
WDTPS3
WDTPS2
WDTPS1
WDTPS0 SWDTEN --01 0110 --01 0110
098h
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000 --00 0000
099h
OSCCON
SPLLEN
IRCF3
IRCF2
IRCF1
IRCF0
—
SCS1
SCS0
0011 1-00 0011 1-00
09Ah
OSCSTAT
T1OSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFR
00q0 0q0- qqqq qq0-
09Bh
ADRESL
A/D Result Register Low
xxxx xxxx uuuu uuuu
09Ch
ADRESH
A/D Result Register High
xxxx xxxx uuuu uuuu
09Dh
ADCON0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
-000 0000 -000 0000
09Eh
ADCON1
ADFM
ADCS2
ADCS1
ADCS0
—
ADNREF
ADPREF1 ADPREF0 0000 -000 0000 -000
09Fh
—
Unimplemented
—
—
TABLE 2-13:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are transferred
to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
These registers/bits are not implemented on PIC16F1933/1936/1938/PIC16LF1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com