Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2J20604NP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R2J20604NP
Description  Integrated Driver - MOS FET (DrMOS)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20604NP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R2J20604NP Datasheet HTML 9Page - Renesas Technology Corp R2J20604NP Datasheet HTML 10Page - Renesas Technology Corp R2J20604NP Datasheet HTML 11Page - Renesas Technology Corp R2J20604NP Datasheet HTML 12Page - Renesas Technology Corp R2J20604NP Datasheet HTML 13Page - Renesas Technology Corp R2J20604NP Datasheet HTML 14Page - Renesas Technology Corp R2J20604NP Datasheet HTML 15Page - Renesas Technology Corp R2J20604NP Datasheet HTML 16Page - Renesas Technology Corp R2J20604NP Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
R2J20604NP
REJ03G1605-0400 Rev.4.00 Mar 12, 2010
Page 11 of 14
The PWM input is TTL level and has hysteresis. When the PWM input signal is abnormal, e.g., when the signal route
from the control IC is abnormal, the tri-state function turns off the high- and low-side MOS FETs. This function
operates when the PWM input signal stays in the input hysteresis window for 240 ns (typ.). After the tri-state mode has
been entered and GH and GL have become low, a PWM input voltage of 2.1 V or more is required to make the circuit
return to normal operation.
240 ns(tHOLD-OFF)
240 ns(tHOLD-OFF)
240 ns(tHOLD-OFF)
2.1 V
2.1 V
PWM
PWM
GH
GH
GL
GL
1.2 V
1.2 V
240 ns(tHOLD-OFF)
Figure 1
For the high-side driver, the BOOT pin is the power-supply voltage pin and voltage VSWH provides a standard for
operation of the high-side driving circuit. Consequently, the difference between the voltage on the BOOT and VSWH
pins becomes the gate swing for the high-side MOS FET. Connect a bootstrap capacitor between the BOOT pin and the
VSWH pin. Since the Schottky barrier diode (SBD) is connected between the BOOT and Reg5V pins, this bootstrap
capacitor is charged up to 5 V. When the high-side MOS FET is turned on, voltage VSWH becomes equal to VIN, so
VBOOT is boosted to VSWH + 5 V.
The GH and GL pins are the gate-monitor pins for each MOS FET.
MOS FETs
The MOS FETs incorporated in R2J20604NP are highly suitable for synchronous-rectification buck conversion. For
the high-side MOS FET, the drain is connected to the VIN pin and the source is connected to the VSWH pin. For the
low-side MOS FET, the drain is connected to the VSWH pin and the source is connected to the PGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com