Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/P Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC24F04KA201T-I/P
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/P Datasheet(HTML) 5 Page - Microchip Technology

  PIC24F04KA201T-I/P Datasheet HTML 1Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 2Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 3Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 4Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 5Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 6Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 7Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 8Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 3
PIC24F04KA201 FAMILY
Pin Diagrams (Continued)
20-Pin QFN(1,2)
89
2
3
1
12
13
14
15
10
6
11
16
17
18
19
20
7
PIC24F04KA201
5
4
AN2/C2INB/CN4/RB0
OSCO/CLKO/AN5/C1INA/CN29/RA3
OSCI/CLKI/AN4/C1INB/CN30/RA2
OC1/IC1/C2OUT/INT2/CTED1/CN8/RA6
AN10/CVREF/SDI1/OCFA/C1OUT/INT1/CN12/RB14
U1RX/U1BCLK/CN6/RB2
AN3/C2INA/CN5/RB1
AN11/SDO1/CTPLS/CN13/RB13
AN12/HLVDIN/SCK1/CTED2/CN14/RB12
REFO/SS1/T2CK/T3CK/CN11/RB15
Note 1:
Connecting the bottom pad to Vss is recommended.
2:
All device pins have a maximum voltage of 3.6V and are not 5V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com