Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/P Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC24F04KA201T-I/P
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/P Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC24F04KA201T-I/P Datasheet HTML 151Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 152Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 153Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 154Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 155Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 156Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 157Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 158Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 153
PIC24F04KA201 FAMILY
20.0
COMPARATOR MODULE
The comparator module provides two dual input
comparators. The inputs to the comparator can be
configured to use any one of four external analog
inputs, as well as a voltage reference input from either
the internal band gap reference divided by 2 (VBG/2) or
the comparator voltage reference generator.
The comparator outputs may be directly connected to
the CxOUT pins. When the respective COE equals ‘1’,
the I/O pad logic makes the unsynchronized output of
the comparator available on the pin.
A simplified block diagram of the module is displayed in
Figure 20-1. Diagrams of the possible individual
comparator
configurations
are
displayed
in
Figure 20-2.
Each comparator has its own control register,
CMxCON (Register 20-1), for enabling and configuring
its operation. The output and event status of all three
comparators is provided in the CMSTAT register
(Register 20-2).
FIGURE 20-1:
COMPARATOR MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Comparator module, refer to the “PIC24F
Family Reference Manual”
, Section 19.
“Comparator Module”
(DS39710).
C1
VIN-
VIN+
CXINB
CXINA
CVREF
VBG/2
C2
VIN-
VIN+
COE
C1OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
Input
Select
Logic
CCH<1:0>
CREF
COE
C2OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com