Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/P Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC24F04KA201T-I/P
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/P Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC24F04KA201T-I/P Datasheet HTML 165Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 166Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 167Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 168Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 169Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 170Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 171Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 172Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 167
PIC24F04KA201 FAMILY
REGISTER 23-5:
FPOR: RESET CONFIGURATION REGISTER
REGISTER 23-6:
FICD: IN-CIRCUIT DEBUGGER CONFIGURATION REGISTER
R/P-1
R/P-1
R/P-1
U-0
R/P-1
U-0
R/P-1
R/P-1
MCLRE(1)
BORV1(2)
BORV0(2)
—PWRTEN
—
BOREN1
BOREN0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MCLRE:
MCLR Pin Enable bit(1)
1
= MCLR pin enabled; RA5 input pin disabled
0
= RA5 input pin enabled; MCLR disabled
bit 6-5
BORV<1:0>:
Brown-out Reset Enable bits(2)
11
= Brown-out Reset set to lowest voltage
10
= Brown-out Reset
01
= Brown-out Reset set to highest voltage
00
= Low-power Brown-out Reset occurs around 2.0V
bit 4
Unimplemented:
Read as ‘0’
bit 3
PWRTEN:
Power-up Timer Enable bit
0
= PWRT disabled
1
= PWRT enabled
bit 2
Unimplemented:
Read as ‘0’
bit 1-0
BOREN<1:0>:
Brown-out Reset Enable bits
11
= Brown-out Reset enabled in hardware; SBOREN bit disabled
10
= Brown-out Reset enabled only while device is active and disabled in Sleep; SBOREN bit disabled
01
= Brown-out Reset controlled with the SBOREN bit setting
00
= Brown-out Reset disabled in hardware; SBOREN bit disabled
Note 1:
The MCLRE fuse can only be changed when using the VPP-Based ICSP™ mode entry. This prevents a
user from accidentally locking out the device from the low-voltage test entry.
2:
Refer to the electrical specifications for BOR voltages.
U-0
U-0
U-0
U-0
U-0
U-0
R/P-1
R/P-1
—
—
—
—
—
—
FICD1
FICD0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented:
Read as ‘0’
bit 1-0
FICD<1:0:>
ICD Pin Select bits
10
= PGC2/PGD2 are used for programming the device
01
= PGC3/PGD3 are used for programming the device
00
, 11 = Reserved; do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com