Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/P Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC24F04KA201T-I/P
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/P Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC24F04KA201T-I/P Datasheet HTML 190Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 191Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 192Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 193Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 194Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 195Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 196Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 197Page - Microchip Technology PIC24F04KA201T-I/P Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 192
Preliminary
© 2009 Microchip Technology Inc.
DC62
0.450
0.650
μA
-40°C
1.8V
Timer1 w/32 kHz Crystal: T132
(SOSC – LP)(3)
DC62a
0.650
+25°C
DC62b
0.650
+60°C
DC62c
0.650
+85°C
DC62d
0.730
0.980
μA
-40°C
3.3V
DC62e
0.980
+25°C
DC62f
0.980
+60°C
DC62g
0.980
+85°C
DC64
5.5
7.10
μA
-40°C
1.8V
HLVD(3,4)
DC64a
7.10
+25°C
DC64b
7.80
+60°C
DC64c
8.30
+85°C
DC64d
6.2
7.10
μA
-40°C
3.3V
DC64e
7.10
+25°C
DC64f
7.80
+60°C
DC64g
8.30
+85°C
DC63
4.5
6.60
μA
-40°C
3.3V
BOR(3,4)
DC63a
6.60
+25°C
DC63b
6.60
+60°C
DC63c
6.60
+85°C
TABLE 26-8:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD): PMD Bits are Set, PMSLP Bit is ‘0’(2)
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and pulled
high. WDT, etc., are all switched off.
3:
The
Δ current is the additional current consumed when the module is enabled. This current should be added to
the base IPD current.
4:
Current applies to Sleep only.
5:
Current applies to Deep Sleep only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com