Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 110Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 111Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 112Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 113Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 114Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 115Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 116Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 117Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 112
Preliminary
© 2009 Microchip Technology Inc.
14.3
Pulse-Width Modulation (PWM)
Mode
The following steps should be taken when configuring
the output compare module for PWM operation:
1.
Set the PWM period by writing to the selected
Timer Period register (PRy).
2.
Set the PWM duty cycle by writing to the OC1RS
register.
3.
Write the OC1R register with the initial duty
cycle.
4.
Enable interrupts, if required, for the timer and
output compare modules. The output compare
interrupt is required for PWM Fault pin
utilization.
5.
Configure the output compare module for one of
two PWM Operation modes by writing to the
Output
Compare
Mode
bits,
OCM<2:0>
(OC1CON<2:0>).
6.
Set the TMRy prescale value and enable the
time base by setting TON (TxCON<15>) = 1.
14.3.1
PWM PERIOD
The PWM period is specified by writing to PRy, the
Timer Period register. The PWM period can be
calculated using Equation 14-1.
EQUATION 14-1:
CALCULATING THE PWM
PERIOD(1)
14.3.2
PWM DUTY CYCLE
The PWM duty cycle is specified by writing to the
OC1RS register. The OC1RS register can be written to
at any time, but the duty cycle value is not latched into
OC1R until a match between PRy and TMRy occurs
(i.e., the period is complete). This provides a double
buffer for the PWM duty cycle and is essential for
glitchless PWM operation. In PWM mode, OC1R is a
read-only register.
Some important boundary parameters of the PWM duty
cycle include:
• If the Output Compare 1 register, OC1R, is loaded
with 0000h, the OC1 pin will remain low (0% duty
cycle).
• If OC1R is greater than PRy (Timer Period
register), the pin will remain high (100% duty
cycle).
• If OC1R is equal to PRy, the OC1 pin will be low
for one time base count value and high for all
other count values.
See Example 14-1 for PWM mode timing details.
Table 14-1 provides an example of PWM frequencies
and resolutions for a device operating at 10 MIPS.
EQUATION 14-2:
CALCULATION FOR MAXIMUM PWM RESOLUTION(1)
Note:
The OC1R register should be initialized
before the output compare module is first
enabled. The OC1R register becomes a
read-only Duty Cycle register when the
module is operated in the PWM modes.
The value held in OC1R will become the
PWM duty cycle for the first PWM period.
The contents of the Output Compare 1
Secondary register, OC1RS, will not be
transferred into OC1R until a time base
period match occurs.
Note:
A PRy value of N will produce a PWM
period of N + 1 time base count cycles. For
example, a value of 7 written into the PRy
register will yield a period consisting of
8 time base cycles.
PWM Period = [(PRy) + 1] • TCY • (Timer Prescale Value)
PWM Frequency = 1/[PWM Period]
where:
Note 1:
Based on TCY = 2 * TOSC, Doze mode
and PLL are disabled.
(
)
Maximum PWM Resolution (bits) =
FCY
FPWM • (Timer Prescale Value)
log10
log10(2)
bits
Note 1:
Based on FCY = FOSC/2, Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com