Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 113Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 114Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 115Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 116Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 117Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 118Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 119Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 120Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 115
PIC24F04KA201 FAMILY
14.4
Output Compare Register
REGISTER 14-1:
OC1CON: OUTPUT COMPARE 1 CONTROL REGISTER
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
—
—OCSIDL
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R-0, HC
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
OCFLT
OCTSEL
OCM2
OCM1
OCM0
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
OCSIDL:
Stop Output Compare 1 in Idle Mode Control bit
1
= Output Compare 1 will halt in CPU Idle mode
0
= Output Compare 1 will continue to operate in CPU Idle mode
bit 12-5
Unimplemented:
Read as ‘0’
bit 4
OCFLT:
PWM Fault Condition Status bit
1
= PWM Fault condition has occurred (cleared in HW only)
0
= No PWM Fault condition has occurred (this bit is only used when OCM<2:0> = 111)
bit 3
OCTSEL:
Output Compare 1 Timer Select bit
1
= Timer3 is the clock source for Output Compare 1
0
= Timer2 is the clock source for Output Compare 1
Refer to the device data sheet for specific time bases available to the output compare module.
bit 2-0
OCM<2:0>:
Output Compare 1 Mode Select bits
111
= PWM mode on OC1, Fault pin; OFCA enabled(1)
110
= PWM mode on OC1, Fault pin; OFCA disabled(1)
101
= Initialize OC1 pin low, generate continuous output pulses on OC1 pin
100
= Initialize OC1 pin low, generate single output pulse on OC1 pin
011
= Compare event toggles OC1 pin
010
= Initialize OC1 pin high, compare event forces OC1 pin low
001
= Initialize OC1 pin low, compare event forces OC1 pin high
000
= Output compare channel is disabled
Note 1:
OCFA pin controls OC1 channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com