Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 163 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 163 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 159Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 160Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 161Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 162Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 163Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 164Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 165Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 166Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 161
PIC24F04KA201 FAMILY
REGISTER 22-1:
CTMUCON: CTMU CONTROL REGISTER
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN
IDISSEN
CTTRIG
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EDG2POL
EDG2SEL1
EDG2SEL0
EDG1POL
EDG1SEL1
EDG1SEL0
EDG2STAT
EDG1STAT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CTMUEN:
CTMU Enable bit
1
= Module is enabled
0
= Module is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
CTMUSIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
TGEN:
Time Generation Enable bit
1
= Enables edge delay generation
0
= Disables edge delay generation
bit 10
EDGEN:
Edge Enable bit
1
= Edges are not blocked
0
= Edges are blocked
bit 10
EDGSEQEN:
Edge Sequence Enable bit
1
= Edge 1 event must occur before Edge 2 event can occur
0
= No edge sequence is needed
bit 9
IDISSEN:
Analog Current Source Control bit
1
= Analog current source output is grounded
0
= Analog current source output is not grounded
bit 8
CTTRIG:
Trigger Control bit
1
= Trigger output is enabled
0
= Trigger output is disabled
bit 7
EDG2POL:
Edge 2 Polarity Select bit
1
= Edge 2 programmed for a positive edge response
0
= Edge 2 programmed for a negative edge response
bit 6-5
EDG2SEL<1:0>:
Edge 2 Source Select bits
11
= CTED1 pin
10
= CTED2 pin
01
= OC1 module
00
= Timer1 module
bit 4
EDG1POL:
Edge 1 Polarity Select bit
1
= Edge 1 programmed for a positive edge response
0
= Edge 1 programmed for a negative edge response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com