Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 161Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 162Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 163Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 164Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 165Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 166Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 167Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 168Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 163
PIC24F04KA201 FAMILY
23.0
SPECIAL FEATURES
PIC24F04KA201 family devices include several
features intended to maximize application flexibility and
reliability, and minimize cost through elimination of
external components. These are:
• Flexible Configuration
• Watchdog Timer (WDT)
• Code Protection
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Emulation
23.1
Configuration Bits
The Configuration bits can be programmed (read as ‘0’),
or left unprogrammed (read as ‘1’), to select various
device configurations. These bits are mapped starting at
program memory location, F80000h. A complete list is
provided in Table 23-1. A detailed explanation of the
various bit functions is provided in Register 23-1 through
Register 23-7.
The address, F80000h, is beyond the user program
memory space. In fact, it belongs to the configuration
memory space (800000h-FFFFFFh), which can only be
accessed using table reads and table writes.
TABLE 23-1:
CONFIGURATION REGISTERS
LOCATIONS
REGISTER 23-1:
FGS: GENERAL SEGMENT CONFIGURATION REGISTER
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Watchdog
Timer,
High-Level
Device
Integration and Programming Diagnostics,
refer to the individual sections of the
“PIC24F
Family
Reference
Manual”
provided below
:
• Section 9. “Watchdog Timer (WDT)”
(DS39697)
• Section 36. “High-Level Integration
with Programmable High/Low-Voltage
Detect (HLVD)”
(DS39725)
• Section 33. “Programming and
Diagnostics”
(DS39716)
Configuration
Register
Address
FGS
F80004
FOSCSEL
F80006
FOSC
F80008
FWDT
F8000A
FPOR
F8000C
FICD
F8000E
FDS
F80010
U-0
U-0
U-0
U-0
U-0
U-0
R/C-1
R/C-1
—
—
—
—
—
—
GSS0
GWRP
bit 7
bit 0
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented:
Read as ‘0’
bit 1
GSS0:
General Segment Code Flash Code Protection bit
1
= No protection
0
= Standard security enabled
bit 0
GWRP
: General Segment Code Flash Write Protection bit
1
= General segment may be written
0
= General segment is write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com