Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA200T-I/ST Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC24F04KA200T-I/ST
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA200T-I/ST Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC24F04KA200T-I/ST Datasheet HTML 92Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 93Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 94Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 95Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 96Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 97Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 98Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 99Page - Microchip Technology PIC24F04KA200T-I/ST Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 94
Preliminary
© 2009 Microchip Technology Inc.
9.2.4.5
Deep Sleep WDT
To enable the DSWDT in Deep Sleep mode, program
the Configuration bit, DSWDTEN (FDS<7>). The
device Watchdog Timer (WDT) need not be enabled for
the DSWDT to function. Entry into Deep Sleep mode
automatically resets the DSWDT.
The DSWDT clock source is selected by the
DSWDTOSC
Configuration
bit
(FDS<4>).
The
postscaler
options
are
programmed
by
the
DSWDTPS<3:0> Configuration bits (FDS<3:0>). The
minimum time-out period that can be achieved is
2.1 ms and the maximum is 25.7 days. For more
details on the FDS Configuration register and DSWDT
configuration options, refer to Section 23.0 “Special
Features”
.
9.2.4.6
Switching Clocks in Deep Sleep Mode
The DSWDT may run from either SOSC or the LPRC
clock source. This allows the DSWDT to run without
requiring both the LPRC and SOSC to be enabled
together, reducing power consumption.
Under certain circumstances, it is possible for the
DSWDT clock source to be off when entering Deep
Sleep mode. In this case, the clock source is turned on
automatically (if DSWDT is enabled), without the need
for software intervention. However, this can cause a
delay in the start of the DSWDT counters. In order to
avoid this delay when using SOSC as a clock source,
the application can activate SOSC prior to entering
Deep Sleep mode.
9.2.4.7
Checking and Clearing the Status of
Deep Sleep
Upon entry into Deep Sleep mode, the status bit,
DPSLP (RCON<10>), becomes set and must be
cleared by the software.
On power-up, the software should read this status bit to
determine if the Reset was due to an exit from Deep
Sleep mode and clear the bit if it is set. Of the four
possible combinations of DPSLP and POR bit states,
three cases can be considered:
• Both the DPSLP and POR bits are cleared. In this
case, the Reset was due to some event other
than a Deep Sleep mode exit.
• The DPSLP bit is clear, but the POR bit is set.
This is a normal POR.
• Both the DPSLP and POR bits are set. This
means that Deep Sleep mode was entered, the
device was powered down and Deep Sleep mode
was exited.
9.2.4.8
Power-on Resets (PORs)
VDD voltage is monitored to produce PORs. Since exit-
ing from Deep Sleep functionally looks like a POR, the
technique described in Section 9.2.4.7 “Checking
and Clearing the Status of Deep Sleep”
should be
used to distinguish between Deep Sleep and a true
POR event.
When a true POR occurs, the entire device including
all Deep Sleep logic, (Deep Sleep registers, DSWDT,
etc.) is reset.
9.2.4.9
Summary of Deep Sleep Sequence
To review, these are the necessary steps involved in
invoking and exiting Deep Sleep mode:
1.
Device exits Reset and begins to execute its
application code.
2.
If DSWDT functionality is required, program the
appropriate Configuration bit.
3.
Select the appropriate clock(s) for the DSWDT
(optional).
4.
Enable and configure the DSWDT (optional).
5.
Write context data to the DSGPRx registers
(optional).
6.
Enable the INT0 interrupt (optional).
7.
Set the DSEN bit in the DSCON register.
8.
Enter Deep Sleep by issuing a PWRSV
#SLEEP_MODE
command.
9.
Device exits Deep Sleep when a wake-up event
occurs.
10. The DSEN bit is automatically cleared.
11. Read and clear the DPSLP status bit in RCON,
and the DSWAKE status bits.
12. Read the DSGPRx registers (optional).
13. Once all state related configurations are
complete, clear the RELEASE bit.
14. Application resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com