Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F688-E/ML Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC16F688-E/ML
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F688-E/ML Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC16F688-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 61Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 62Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 63Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 64Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 65Page - Microchip Technology PIC16F688-E/ML Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 204 page
background image
PIC16F688
DS41203E-page 60
© 2009 Microchip Technology Inc.
FIGURE 7-6:
COMPARATOR
INTERRUPT TIMING W/O
CMCON0 READ
FIGURE 7-7:
COMPARATOR
INTERRUPT TIMING WITH
CMCON0 READ
7.6
Operation During Sleep
The comparator, if enabled before entering Sleep mode,
remains active during Sleep. The additional current
consumed by the comparator is shown separately in
Section 14.0
“Electrical
Specifications”.
If
the
comparator is not used to wake the device, power
consumption can be minimized while in Sleep mode by
turning off the comparator. The comparator is turned off
by selecting mode CM<2:0> = 000 or CM<2:0> = 111
of the CMCON0 register.
A change to the comparator output can wake-up the
device from Sleep. To enable the comparator to wake
the device from Sleep, the CxIE bit of the PIE1 register
and the PEIE bit of the INTCON register must be set.
The instruction following the Sleep instruction always
executes following a wake from Sleep. If the GIE bit of
the INTCON register is also set, the device will then
execute the Interrupt Service Routine.
7.7
Effects of a Reset
A device Reset forces the CMCON0 and CMCON1
registers to their Reset states. This forces the
comparator module to be in the Comparator Reset
mode (CM<2:0> = 000). Thus, all comparator inputs
are analog inputs with the comparator disabled to
consume the smallest current possible.
Note 1: If a change in the CM1CON0 register
(CxOUT) occurs when a read operation is
being executed (start of the Q2 cycle),
then the CxIF Interrupt Flag bit of the
PIR1 register may not get set.
2: When either comparator is first enabled,
bias circuitry in the comparator module
may cause an invalid output from the
comparator until the bias circuitry is stable.
Allow about 1
μs for bias settling then clear
the mismatch condition and interrupt flags
before enabling comparator interrupts.
Q1
Q3
CIN+
COUT
Set CMIF (level)
CMIF
TRT
reset by software
Q1
Q3
CIN+
COUT
Set CMIF (level)
CMIF
TRT
reset by software
cleared by CMCON0 read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com