Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F616 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F616
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F616 Datasheet HTML 40Page - Microchip Technology PIC16F616 Datasheet HTML 41Page - Microchip Technology PIC16F616 Datasheet HTML 42Page - Microchip Technology PIC16F616 Datasheet HTML 43Page - Microchip Technology PIC16F616 Datasheet HTML 44Page - Microchip Technology PIC16F616 Datasheet HTML 45Page - Microchip Technology PIC16F616 Datasheet HTML 46Page - Microchip Technology PIC16F616 Datasheet HTML 47Page - Microchip Technology PIC16F616 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 44
© 2009 Microchip Technology Inc.
4.3.5
RC4/C2OUT/P1B(1)
The RC4 is configurable to function as one of the
following:
• a general purpose I/O
• a digital output from Comparator C2
• a digital output from the Enhanced CCP
(1)
FIGURE 4-8:
BLOCK DIAGRAM OF RC4
4.3.6
RC5/CCP1(1)/P1A(1)
The RC5 is configurable to function as one of the
following:
• a general purpose I/O
• a digital input/output for the Enhanced CCP
(1)
FIGURE 4-9:
BLOCK DIAGRAM OF RC5
PIN
TABLE 4-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Note 1: PIC16F616/16HV616 only.
2: Enabling both C2OUT and P1B will cause
a conflict on RC4 and create unpredictable
results. Therefore, if C2OUT is enabled,
the ECCP can not be used in Half-Bridge
or Full-Bridge mode and vice-versa.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
WR
PORTC
WR
TRISC
RD
TRISC
RD
PORTC
0
1
Note
1:
Port/Peripheral Select signals selects between
PORT data and peripheral output.
C2OE
CCP1M<3:0>
C2OE
C2OUT
CCP1M<3:0>
CCPOUT/P1B
Note 1: PIC16F616/16HV616 only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data bus
WR
PORTC
WR
TRISC
RD
TRISC
To Enhanced CCP
RD
PORTC
0
1
CCP1OUT(1)/
CCP1OUT(1)
Enable
P1A
Note
1:
PIC16F616/16HV616 only.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSEL
ANS7ANS6ANS5ANS4
ANS3(1)
ANS2(1)
ANS1
ANS0
1111 1111
1111 1111
CCP1CON(1)
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
0000 0000
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1R
C1CH1
C1CH0
0000 -000
0000 -000
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2R
C2CH1
C2CH0
0000 -000
0000 -000
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx 00xx
--uu 00uu
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.
Note
1:
PIC16F616/HV616 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com