Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-I/ML Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16F1938-I/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-I/ML Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16F1938-I/ML Datasheet HTML 78Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 79Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 80Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 81Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 82Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 83Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 84Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 85Page - Microchip Technology PIC16F1938-I/ML Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 82
Preliminary
 2009 Microchip Technology Inc.
5.6
Oscillator Control Registers
REGISTER 5-1:
OSCCON: OSCILLATOR CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-1/1
R/W-1/1
R/W-1/1
U-0
R/W-0/0
R/W-0/0
SPLLEN
IRCF<3:0>
—
SCS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
SPLLEN:
Software PLL Enable bit
If PLLEN in Configuration Word 1 = 1:
SPLLEN bit is ignored. 4x PLL is always enabled (subject to oscillator requirements)
If PLLEN in Configuration Word 1 = 0:
1
= 4x PLL Is enabled
0 = 4x PLL is disabled
bit 6-3
IRCF<3:0>:
Internal Oscillator Frequency Select bits
000x
=31 kHz LF
0010
=31.25 kHz MF
0011
=31.25 kHz HF(1)
0100
=62.5 kHz MF
0101
=125 kHz MF
0110
=250 kHz MF
0111
=500 kHz MF (default upon Reset)
1000
=125 kHz HF(1)
1001
=250 kHz HF(1)
1010
=500 kHz HF(1)
1011
=1 MHz HF
1100
=2 MHz HF
1101
=4 MHz HF
1110
=8 MHz or 32 MHz HF(see Section 5.2.2.1 “HFINTOSC”)
1111
=16 MHz HF
bit 2
Unimplemented:
Read as ‘0’
bit 1-0
SCS<1:0>:
System Clock Select bits
1x
= Internal oscillator block
01
= Timer1 oscillator
00
= Clock determined by FOSC<2:0> in Configuration Word 1.
Note 1:
Duplicate frequency derived from HFINTOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com