Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F519T-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC12F519T-E/MS
Description  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519T-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC12F519T-E/MS Datasheet HTML 13Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 14Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 15Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 16Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 17Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 18Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 19Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 20Page - Microchip Technology PIC12F519T-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
© 2008 Microchip Technology Inc.
DS41319B-page 15
PIC12F519
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
N/A
TRISGPIO
—
—
TRISGPIO5
TRISGPIO4
TRISGPIO3
TRISGPIO2
TRISGPIO1
TRISGPIO0
--11 1111
N/A
OPTION
Contains Control Bits to Configure Timer0 and Timer0/WDT Prescaler
1111 1111
00h
INDF
Uses Contents of FSR to Address Data Memory (not a physical register)
xxxx xxxx
01h
TMR0
Timer0 Module Register
xxxx xxxx
02h(1)
PCL
Low Order 8 bits of PC
1111 1111
03h
STATUS
GPWUF
—PA0
TO
PD
ZDC
C
0-01 1xxx
04h
FSR
Indirect Data Memory Address Pointer
110x xxxx
05h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
06h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
21h
EECON
—
—
—
FREE
WRERR
WREN
WR
RD
---0 x000
25h
EEDATA
EEDATA7 EEDATA6
EEDATA5
EEDATA4
EEDATA3
EEDATA2
EEDATA1
EEDATA0
xxxx xxxx
26h
EEADR
—
—
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0
--xx xxxx
Legend:
x = unknown, u = unchanged, – = unimplemented, read as ‘0’ (if applicable). Shaded cells = unimplemented or unused
Note
1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6 “Program Counter” for an explanation of how to
access these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com