Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/ML Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16F1938-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/ML Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16F1938-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 81Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 82Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 83Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 84Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 84
Preliminary
 2009 Microchip Technology Inc.
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
TABLE 5-3:
SUMMARY OF CONFIGURATION WORD WITH CLOCK SOURCES
REGISTER 5-3:
OSCTUNE: OSCILLATOR TUNING REGISTER
U-0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
—
—
TUN<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-0
TUN<4:0>:
Frequency Tuning bits
011111
= Maximum frequency
011110
=
•
•
•
000001
=
000000
= Oscillator module is running at the factory-calibrated frequency.
111111
=
•
•
•
100000
= Minimum frequency
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OSCCON
SPLLEN
IRCF<3:0>
—SCS<1:0>
82
OSCSTAT
T1OSCR
PLLR
OSTS
HFIOFR
HFIOFL
MFIOFR
LFIOFR
HFIOFS
83
OSCTUNE
—
—TUN<5:0>
84
PIE2
OSFIE
C2IE
C1IE
EEIE
BCLIE
LCDIE
—
CCP2IE(1)
101
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
—
CCP2IF(1)
104
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—
TMR1ON
201
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.
Note
1:
PIC16F1934 only.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
CPD
64
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
CONFIG2
13:8
—
—
LVP
DEBUG
—
BORV
STVREN
PLLEN
66
7:0
—
—
VCAPEN<1:0>(1)
—
—
WRT<1:0>
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.
Note
1:
PIC16F193X only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com