Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1938-E/ML Datasheet(PDF) 148 Page - Microchip Technology

Part # PIC16F1938-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1938-E/ML Datasheet(HTML) 148 Page - Microchip Technology

Back Button PIC16F1938-E/ML Datasheet HTML 144Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 145Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 146Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 147Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 148Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 149Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 150Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 151Page - Microchip Technology PIC16F1938-E/ML Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 148
Preliminary
 2009 Microchip Technology Inc.
TABLE 12-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE(1)
REGISTER 12-22: WPUE: WEAK PULL-UP PORTE REGISTER
U-0
U-0
U-0
U-0
R/W-1/1
U-0
U-0
U-0
—
—
—
—
WPUE3
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented:
Read as ‘0’
bit 3
WPUE:
Weak Pull-up Register bit
1
= Pull-up enabled
0
= Pull-up disabled
bit 2-0
Unimplemented:
Read as ‘0’
Note 1:
Global WPUEN bit of the OPTION register must be cleared for individual pull-ups to be enabled.
2:
The weak pull-up device is automatically disabled if the pin is in configured as an output.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
161
ANSELE
—
—
—
—
—
ANSE2
ANSE1
ANSE0
147
CCPxCON
PxM<1:0>
DCxB<1:0>
CCPxM<3:0>
231
LATE
—
—
—
—
LATE3
LATE2
LATE1
LATE0
147
LCDCON
LCDEN
SLPEN
WERR
—
CS<1:0>
LMUX<1:0>
329
LCDSE2
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
333
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
146
TRISE
—
—
—
—
TRISE3
TRISE2
TRISE1
TRISE0
146
WPUE
—
—
—
—
WPUE3
—
—
—
148
Legend: x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by
PORTE.
Note 1:
These registers are not implemented on the PIC16F1933/1936/1938 devices, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com