Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F57-E/SS Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16F57-E/SS
Description  Flash-Based, 8-Bit CMOS Microcontroller Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F57-E/SS Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16F57-E/SS Datasheet HTML 46Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 47Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 48Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 49Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 50Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 51Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 52Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 53Page - Microchip Technology PIC16F57-E/SS Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
PIC16F5X
DS41213D-page 48
© 2007 Microchip Technology Inc.
IORLW
Inclusive OR literal with W
Syntax:
[ label ]
IORLW k
Operands:
0
≤ k ≤ 255
Operation:
(W) .OR. (k)
→ (W)
Status Affected:
Z
Encoding:
1101
kkkk
kkkk
Description:
The contents of the W register are
OR’ed with the eight-bit literal ‘k’.
The result is placed in the W
register.
Words:
1
Cycles:
1
Example:
IORLW
0x35
Before Instruction
W=
0x9A
After Instruction
W=
0xBF
Z=
0
IORWF
Inclusive OR W with f
Syntax:
[ label ]
IORWF
f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W).OR. (f)
→ (dest)
Status Affected:
Z
Encoding:
0001
00df
ffff
Description:
Inclusive OR the W register with
register ‘f’. If ‘d’ is ‘0’, the result is
placed in the W register. If ‘d’ is ‘1’,
the result is placed back in
register ‘f’.
Words:
1
Cycles:
1
Example:
IORWF
RESULT, 0
Before Instruction
RESULT
=
0x13
W
=
0x91
After Instruction
RESULT
=
0x13
W
=
0x93
Z=
0
MOVF
Move f
Syntax:
[ label ]
MOVF f, d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Encoding:
0010
00df
ffff
Description:
The contents of register ‘f’ is
moved to destination ‘d’. If ‘d’ is ‘0’,
destination is the W register. If ‘d’
is ‘1’, the destination is file
register ‘f’. ‘d’ is ‘1’ is useful to test
a file register since Status flag Z is
affected.
Words:
1
Cycles:
1
Example:
MOVF
FSR,
0
After Instruction
W
=
value in FSR register
MOVLW
Move Literal to W
Syntax:
[ label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Encoding:
1100
kkkk
kkkk
Description:
The eight-bit literal ‘k’ is loaded
into the W register.
Words:
1
Cycles:
1
Example:
MOVLW
0x5A
After Instruction
W
=
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com