Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-I/ML Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 21Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 22Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 23Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 24Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 25Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 26Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 27Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 28Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 25
PIC18F2480/2580/4480/4580
2.0
GUIDELINES FOR GETTING
STARTED WITH PIC18F
MICROCONTROLLERS
2.1
Basic Connection Requirements
Getting started with the PIC18F2480/2580/4480/4580
family of 8-bit microcontrollers requires attention to a
minimal set of device pin connections before
proceeding with development.
The following pins must always be connected:
•All VDD and VSS pins
(see Section 2.2 “Power Supply Pins”)
•All AVDD and AVSS pins, regardless of whether or
not the analog device features are used
(see Section 2.2 “Power Supply Pins”)
•MCLR pin
(see Section 2.3 “Master Clear (MCLR) Pin”)
These pins must also be connected if they are being
used in the end application:
• PGC/PGD pins used for In-Circuit Serial
Programming™ (ICSP™) and debugging purposes
(see Section 2.4 “ICSP Pins”)
• OSCI and OSCO pins when an external oscillator
source is used
(see Section 2.5 “External Oscillator Pins”)
Additionally, the following pins may be required:
•VREF+/VREF- pins are used when external voltage
reference for analog modules is implemented
The minimum mandatory connections are shown in
Figure 2-1.
FIGURE 2-1:
RECOMMENDED
MINIMUM CONNECTIONS
Note:
The AVDD and AVSS pins must always be
connected, regardless of whether any of
the analog modules are being used.
PIC18FXXXX
VDD
VSS
VSS
VDD
C1
R1
VDD
MCLR
R2
C2(1)
C3(1)
C4(1)
C5(1)
C6(1)
Key (all values are recommendations):
C1 through C6: 0.1 µF, 20V ceramic
R1: 10 kΩ
R2: 100Ω to 470Ω
Note 1:
The example shown is for a PIC18F device
with five VDD/VSS and AVDD/AVSS pairs.
Other devices may have more or less pairs;
adjust the number of decoupling capacitors
appropriately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com