Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-I/ML Datasheet(PDF) 286 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 286 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 282Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 283Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 284Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 285Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 286Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 287Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 288Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 289Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 286
© 2009 Microchip Technology Inc.
REGISTER 24-3:
ECANCON: ENHANCED CAN CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
MDSEL1(1)
MDSEL0(1)
FIFOWM(2)
EWIN4
EWIN3
EWIN2
EWIN1
EWIN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
MDSEL<1:0>: Mode Select bits(1)
00 = Legacy mode (Mode 0, default)
01 = Enhanced Legacy mode (Mode 1)
10 = Enhanced FIFO mode (Mode 2)
11 = Reserved
bit 5
FIFOWM: FIFO High Water Mark bit(2)
1 = Will cause FIFO interrupt when one receive buffer remains
0 = Will cause FIFO interrupt when four receive buffers remain(3)
bit 4-0
EWIN<4:0>: Enhanced Window Address bits
These bits map the group of 16 banked CAN SFRs into Access Bank addresses 0F60-0F6Dh. The
exact group of registers to map is determined by the binary value of these bits.
Mode 0:
Unimplemented: Read as ‘0’
Mode 1, 2:
00000 = Acceptance Filters 0, 1, 2 and BRGCON2, 3
00001 = Acceptance Filters 3, 4, 5 and BRGCON1, CIOCON
00010 = Acceptance Filter Masks, Error and Interrupt Control
00011 = Transmit Buffer 0
00100 = Transmit Buffer 1
00101 = Transmit Buffer 2
00110 = Acceptance Filters 6, 7, 8
00111 = Acceptance Filters 9, 10, 11
01000 = Acceptance Filters 12, 13, 14
01001 = Acceptance Filters 15
01010-01110 = Reserved
01111 = RXINT0, RXINT1
10000 = Receive Buffer 0
10001 = Receive Buffer 1
10010 = TX/RX Buffer 0
10011 = TX/RX Buffer 1
10100 = TX/RX Buffer 2
10101 = TX/RX Buffer 3
10110 = TX/RX Buffer 4
10111 = TX/RX Buffer 5
11000-11111 = Reserved
Note 1:
These bits can only be changed in Configuration mode. See Register 24-1 to change to Configuration mode.
2:
This bit is used in Mode 2 only.
3:
If FIFO is configured to contain four or less buffers, then the FIFO interrupt will trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com